Electronic Components Datasheet Search
  English  ▼

X  

ELM613DA Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM613DA
Description  2A, 20V, 550kHz, synchronous step-down DC/DC converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM613DA Datasheet(HTML) 4 Page - ELM Electronics

  ELM613DA Datasheet HTML 1Page - ELM Electronics ELM613DA Datasheet HTML 2Page - ELM Electronics ELM613DA Datasheet HTML 3Page - ELM Electronics ELM613DA Datasheet HTML 4Page - ELM Electronics ELM613DA Datasheet HTML 5Page - ELM Electronics ELM613DA Datasheet HTML 6Page - ELM Electronics ELM613DA Datasheet HTML 7Page - ELM Electronics ELM613DA Datasheet HTML 8Page - ELM Electronics ELM613DA Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Rev.1.3
11 -
■Application notes
ELM613DA is synchronous rectified, current-mode, step-down regulator. It regulates input voltages from 4.75V
to 20V down to an output voltage as low as 0.923V, and supplies up to 2A of load current. ELM613DA uses
current-mode control to regulate the output voltage. The output voltage is measured at FB through a resistive
voltage divider and amplified through the internal transconductance error amplifier. The voltage at the COMP
pin is compared to the switch current measured internally to control the output voltage. The converter uses
internal N-Channel MOSFET switches to step-down the input voltage to the regulated output voltage. Since the
high side MOSFET requires a gate voltage greater than the input voltage, a boost capacitor connected between
SW and BS is needed to drive the high side gate. The boost capacitor is charged from the internal 5V rail when
SW is low. When ELM613DA FB pin exceeds 20% of the nominal regulation voltage of 0.923V, the over
voltage comparator is tripped and the COMP pin and the SS pin are discharged to GND, forcing the high-side
switch off.
1. Pin description
BS: High side gate drive boost input
BS supplies the drive for the high-side N-Channel MOSFET switch. Connect a 0.01μF or greater capacitor
from SW to BS to power the high side switch.
VIN: Power input
VIN supplies the power to the IC, as well as the step-down converter switches. Drive VIN with a 4.75V to 20V
power source. Bypass VIN to GND with a suitably large capacitor to eliminate noise on the input to the IC.
SW: Power switch output
SW is the switching node that supplies power to the output. Connect the output LC filter from SW to the output
load. Note that a capacitor is required from SW to BS to power the high-side switch.
GND: Ground
Connect to PCB wiring which is lower than high frequency impedance.
FB: Feedback Input
FB senses the output voltage to regulate that voltage. Drive FB with a resistive voltage divider from the output
voltage. The feedback threshold is 0.923V.
COMP: Compensation node
COMP is used to compensate the regulation control loop. Connect a series RC network from COMP to GND to
compensate the regulation control loop. In some cases, an additional capacitor from COMP to GND is required.
EN: Enable input
EN is a digital input that turns the regulator on or off. Drive EN high to turn on the regulator, drive it low
to turn it off. If EN pin needs to be pulled-up, EN input current has to be lower than 200μA with R4 (about
100kΩ).
SS: Soft-start control input
SS controls the soft start period. Connect a capacitor from SS to GND to set the soft-start period. A 0.1μF ca-
pacitor sets the soft-start period to 15ms. To disable the soft-start feature, leave SS unconnected.
2. Setting output voltage
The output voltage is set using a resistive voltage divider from the output voltage to FB pin. The voltage di-
vider divides the output voltage down to the feedback voltage by the ratio:
Vfb = Vout × R2 / (R1 + R2)
ELM613DA 2A, 20V, 550kHz, synchronous step-down DC/DC converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com