Electronic Components Datasheet Search
  English  ▼

X  

ELM613DA Datasheet(PDF) 5 Page - ELM Electronics

Part # ELM613DA
Description  2A, 20V, 550kHz, synchronous step-down DC/DC converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM613DA Datasheet(HTML) 5 Page - ELM Electronics

  ELM613DA Datasheet HTML 1Page - ELM Electronics ELM613DA Datasheet HTML 2Page - ELM Electronics ELM613DA Datasheet HTML 3Page - ELM Electronics ELM613DA Datasheet HTML 4Page - ELM Electronics ELM613DA Datasheet HTML 5Page - ELM Electronics ELM613DA Datasheet HTML 6Page - ELM Electronics ELM613DA Datasheet HTML 7Page - ELM Electronics ELM613DA Datasheet HTML 8Page - ELM Electronics ELM613DA Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Rev.1.3
11 -
Where Vfb is the feedback voltage and Vout is the output voltage. Thus the output voltage is:
Vout = 0.923 × (R1 + R2) / R2
R2 can be as high as 100kΩ, but a typical value is 10kΩ. Using the typical value for R2, R1 is determined by:
R1 = 10.83 × (Vout − 0.923) (kΩ)
3. Inductor
The inductor is required to supply constant current to the output load while being driven by the switched input
voltage. A larger value inductor will result in less ripple current that will result in lower output ripple voltage.
However, the larger value inductor will have a larger physical size, higher series resistance, and/or lower satura-
tion current. A good rule for determining the inductance to use is to allow the peak-to-peak ripple current in the
inductor to be approximately 30% of the maximum switch current limit. Also, make sure that the peak inductor
current is below the maximum switch current limit. The inductance value can be calculated by:
L = [ Vout / (fs × ΔIl) ] × (1 − Vout/Vin)
Where Vout is the output voltage, Vin is the input voltage, fs is the switching frequency, and ΔIl is the peak-to-
peak inductor ripple current.
Choose an inductor that will not saturate under the maximum inductor peak current. The peak inductor current
can be calculated by:
Ilp = Iload + [ Vout / (2 × fs × L) ] × (1 − Vout/Vin)
Where Iload is the load current.
The choice of which style inductor to use mainly depends on the price vs. size requirements and any EMI re-
quirements.
4. Optional Schottky diode
During the transition between high-side switch and low-side switch, the body diode of the low-side power
MOSFET conducts the inductor current. The forward voltage of this body diode is high. An optional Schottky
diode may be paralleled between the SW pin and GND pin to improve overall efficiency. Table 1 lists example
Schottky diodes and their Manufacturers.
Part number Voltage and current rating
Vendor
B130
30V, 1A
Diodes Inc.
SK13
30V, 1A
Diodes Inc.
MBRS130
30V, 1A
International Rectifier
Table 1: Diode selection guide.
5. Input capacitor
The input current to the step-down converter is discontinuous, therefore a capacitor is required to supply the
AC current to the step-down converter while maintaining the DC input voltage. Use low ESR capacitors for the
best performance. Ceramic capacitors are preferred, but tantalum or low-ESR electrolytic capacitors may also
suffice. Choose X5R or X7R dielectrics when using ceramic capacitors. Since the input capacitor (Cin) absorbs
the input switching current it requires an adequate ripple current rating. The RMS current in the input capacitor
can be estimated by:
Icin = Iload × [ (Vout/Vin) × (1 − Vout/Vin) ]1/2
The worst-case condition occurs at Vin = 2Vout, where Icin = Iload/2. For simplification, choose the input ca-
pacitor whose RMS current rating greater than half of the maximum load current.
ELM613DA 2A, 20V, 550kHz, synchronous step-down DC/DC converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com