Electronic Components Datasheet Search
  English  ▼

X  

ELM613DA Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM613DA
Description  2A, 20V, 550kHz, synchronous step-down DC/DC converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM613DA Datasheet(HTML) 1 Page - ELM Electronics

  ELM613DA Datasheet HTML 1Page - ELM Electronics ELM613DA Datasheet HTML 2Page - ELM Electronics ELM613DA Datasheet HTML 3Page - ELM Electronics ELM613DA Datasheet HTML 4Page - ELM Electronics ELM613DA Datasheet HTML 5Page - ELM Electronics ELM613DA Datasheet HTML 6Page - ELM Electronics ELM613DA Datasheet HTML 7Page - ELM Electronics ELM613DA Datasheet HTML 8Page - ELM Electronics ELM613DA Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Rev.1.3
11 -
Parameter
Symbol
Limit
Unit
VIN power supply voltage
Vin
-0.3 to +21
V
Apply voltage to SW
Vsw
-0.3 to Vin+0.3
V
Apply voltage to BS
Vbs
Vsw-0.3 to Vsw+6
V
Apply voltage to FB
Vfb
-0.3 to +6
V
Apply voltage to COMP
Vcomp
-0.3 to +6
V
Apply voltage to EN
Ven
-0.3 to +6
V
Apply voltage to SS
Vss
-0.3 to +6
V
Power dissipation
Pd
630
mW
Operating temperature range
Top
-40 to +85
°C
Storage temperature range
Tstg
-65 to +150
°C
ELM613DA 2A, 20V, 550kHz, synchronous step-down DC/DC converter
■General description
■Features
■Maximum absolute ratings
• Distributed power system
• Network system
• FPGA, DSP, ASIC power supply
• Notebook computer
• Green electronics and appliance
■Application
ELM613DA is 550KHz fixed frequency PWM synchronous step-down regulator. ELM613DA is operated from
4.75V to 20V, the generated output is adjustable from 0.923V to 18V, and the output current can be up to 2A.
The integrated two MOSFET switches is with turn on resistance of 0.085Ω. Current mode control provides fast
transient response and cycle-by-cycle over current protection. The shutdown current is 1μA typical. Adjustable
soft start prevents inrush current at turn on. ELM613DA is with thermal shutdown.
• Programmable soft start
• Short circuit protection
• Thermal shutdown protection
• Input voltage
: 4.75V to 20V
• Output voltage
: 0.923V to 18V
• Output current
: 2A
• High efficiency
: Max.93%
• Power MOSFET switches
: 85mΩ
• Shutdown current
: Typ.1µA
• Fixed frequency
: Typ.550kHz
• Package
: SOP-8
Caution:Permanent damage to the device may occur when ratings above maximum absolute ones are used.
* Taping direction is one way.
ELM613DA-N
Symbol
a
Package
D: SOP-8
b
Product version
A
c
Taping direction
N: Refer to PKG file
ELM613DA - N
↑ ↑ ↑
a b c
■Selection guide


Similar Part No. - ELM613DA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM613DA ELM-TECH-ELM613DA Datasheet
1Mb / 11P
synchronous step-down DC/DC converter
More results

Similar Description - ELM613DA

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
2A synchronous step-down DC/DC converter
logo
E-CMOS Corporation
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
2A, 18V, Synchronous Step-down DC/DC Converter
EC3202S E-CMOS-EC3202S Datasheet
610Kb / 9P
2A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL9320 BELLING-BL9320 Datasheet
652Kb / 11P
2A, 20V Synchronous Step-Down Converter
BL9370B BELLING-BL9370B Datasheet
555Kb / 10P
2A, 20V Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FR9801 FITIPOWER-FR9801 Datasheet
1Mb / 14P
21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
logo
Princeton Technology Co...
RS6512 PTC-RS6512 Datasheet
350Kb / 4P
2A, 20V, 400KHz DC/DC Asynchronous Step-Down Converter
RS8407 PTC-RS8407 Datasheet
332Kb / 4P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
RS8408 PTC-RS8408 Datasheet
239Kb / 3P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE7260T ACE-ACE7260T Datasheet
159Kb / 3P
1.0MHz, 2A Synchronous Step-Down DC/DC Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com