Electronic Components Datasheet Search
  English  ▼

X  

ELM652DA Datasheet(PDF) 3 Page - ELM Electronics

Part # ELM652DA
Description  Dual-channeling CV/CC mode 36V switching controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM652DA Datasheet(HTML) 3 Page - ELM Electronics

  ELM652DA Datasheet HTML 1Page - ELM Electronics ELM652DA Datasheet HTML 2Page - ELM Electronics ELM652DA Datasheet HTML 3Page - ELM Electronics ELM652DA Datasheet HTML 4Page - ELM Electronics ELM652DA Datasheet HTML 5Page - ELM Electronics ELM652DA Datasheet HTML 6Page - ELM Electronics ELM652DA Datasheet HTML 7Page - ELM Electronics ELM652DA Datasheet HTML 8Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Rev.1.1
8 -
■Block diagram
Reference
Generator
PGate
DRV
Control
logic
+
-
PWM
Comp.
Soft start
Current
Amp.
+
-
-
+
-
Error
Amp.
RAMP
OTP
-
+
-
+
PDRV
VCC
4
6
3
CS2
1
GND
Vss
2.0V
8
COMP
7
VOUT
5
2
CS1
NDRV
5.8V
5.1V
NGate
DRV
+
112mV
■Functional descriptions
1. Dual-channeling CV/CC mode control
ELM652DA provides dual channeling CV/CC function. The CV (constant voltage) function is implemented to
deliver a regulated output voltage for the output terminal, and the dual-channeling CC (constant current) func-
tion is to limit dual-port output current to be a limited value to prevent the device damaged due to output short
circuit or over current condition.
2. Soft Start function
ELM652DA is composed of built-in internal soft start function to prevent a large surge current happening
when during start-up period due to the surge current charging output filter capacitors.
3. Output over-voltage protection
ELM652DA provides built-in output over-voltage protection function. When output over-voltage happens, the
ELM652DA shuts down and recovers to normal state automatically if output over-voltage is released.
4. Output short-circuit protection
ELM652DA provides output short-circuit protection function. When output short happens, the ELM652DA
shuts down and recovers to normal state automatically if output short-circuit is released.
ELM652DA Dual-channeling CV/CC mode 36V switching controller



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com