Electronic Components Datasheet Search
  English  ▼

X  

ELM652DA Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM652DA
Description  Dual-channeling CV/CC mode 36V switching controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM652DA Datasheet(HTML) 1 Page - ELM Electronics

  ELM652DA Datasheet HTML 1Page - ELM Electronics ELM652DA Datasheet HTML 2Page - ELM Electronics ELM652DA Datasheet HTML 3Page - ELM Electronics ELM652DA Datasheet HTML 4Page - ELM Electronics ELM652DA Datasheet HTML 5Page - ELM Electronics ELM652DA Datasheet HTML 6Page - ELM Electronics ELM652DA Datasheet HTML 7Page - ELM Electronics ELM652DA Datasheet HTML 8Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Rev.1.1
8 -
■General description
■Features
■Maximum absolute ratings
■Application
ELM652DA is a dual-channeling CV/CC mode switching regulator. ELM652DA is designed to allow for
operating a wide supply voltage range from 8V to 36V.
ELM652DA features a dual-channeling CV/CC mode control functions, the CV mode (Constant voltage)
function to provide a regulated voltage output and the dual-channeling CC mode (Constant current) function
provides dual-channeling current limitation function, it is suitable for the DC / DC switching power applications
when requested the dual-channeling current limitation function.
Caution:Permanent damage to the device may occur when ratings above maximum absolute ones are used.
• UVLO protection
• Dual-channeling CV/CC mode control
• Soft start function for start-up
• Output over-voltage protection
• Over temperature protection
• Fold back short-circuit protection
• High efficiency operation
• Synchronization rectification
• Input voltage range
: 8V to 36V
• Fixed operating frequency
: 100kHz
• Voltage reference accuracy
: 5.0V±1%
• Current limit accuracy
: ±4%
• Package
: SOP-8
• Car charger(USB. 2ch)
• Automotive power applications
• DC/DC converters with current limited
• General purpose CV/CC power supply
Parameter
Symbol
Limit
Unit
VCC to GND
Vcc
-0.3 to +40.0
V
PDRV to VCC
PDRV
+0.3 to -40.0
V
NDRV to VCC
NDRV
+0.3 to -40.0
V
VOUT to GND
Vout
-0.3 to +7.0
V
CS1 to GND
CS1
-0.3 to +7.0
V
CS2 to GND
CS2
-0.3 to +7.0
V
COMP to GND
COMP
-0.3 to +7.0
V
Power dissipation at Ta <60 °C
Pd
0.75
W
Operating temperature
Top
-40 to +85
°C
Storage temperature range
Tstg
-60 to 150
°C
ELM652DA Dual-channeling CV/CC mode 36V switching controller


Similar Part No. - ELM652DA

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM650DA ELM-ELM650DA Datasheet
1Mb / 10P
CC/CV Mode 36V step down 2A DC/DC converter
ELM651DA ELM-ELM651DA Datasheet
1Mb / 10P
CC/CV Mode 36V step down 5A DC/DC converter
More results

Similar Description - ELM652DA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4328 ONSEMI-NCP4328 Datasheet
141Kb / 10P
Secondary Side CV/CC Controller
May, 2013 ??Rev. 0
NCP4328BSNT1G ONSEMI-NCP4328BSNT1G Datasheet
142Kb / 10P
Secondary Side CV/CC Controller
August, 2013 ??Rev. 1
logo
ELM Electronics
ELM650DA ELM-ELM650DA Datasheet
1Mb / 10P
CC/CV Mode 36V step down 2A DC/DC converter
ELM651DA ELM-ELM651DA Datasheet
1Mb / 10P
CC/CV Mode 36V step down 5A DC/DC converter
logo
ON Semiconductor
NCP4328 ONSEMI-NCP4328_15 Datasheet
96Kb / 10P
Secondary Side CV/CC Controller
July, 2015 ??Rev. 2
logo
Eutech Microelectronics...
EUP3268B EUTECH-EUP3268B Datasheet
115Kb / 1P
Dual-Channel CC/CV Mode Synchronous Step-Down Controller
logo
Monolithic Power System...
MP26085 MPS-MP26085 Datasheet
729Kb / 13P
CC/CV Controller
logo
Shenzhen Titan Micro El...
TM5201 TITAN-TM5201 Datasheet
355Kb / 10P
CV/CC
logo
SIFIRST TECHNOLOGIES NA...
SF6761S SIFIRST-SF6761S Datasheet
149Kb / 2P
super-QR/PSRTM CV/CC Controller
logo
SHENZHEN FUMAN ELECTRON...
TC2201 FUMAN-TC2201 Datasheet
263Kb / 6P
Dual CC/CV Mode Switch Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com