Electronic Components Datasheet Search
  English  ▼

X  

ELM652DA Datasheet(PDF) 7 Page - ELM Electronics

Part # ELM652DA
Description  Dual-channeling CV/CC mode 36V switching controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM652DA Datasheet(HTML) 7 Page - ELM Electronics

  ELM652DA Datasheet HTML 1Page - ELM Electronics ELM652DA Datasheet HTML 2Page - ELM Electronics ELM652DA Datasheet HTML 3Page - ELM Electronics ELM652DA Datasheet HTML 4Page - ELM Electronics ELM652DA Datasheet HTML 5Page - ELM Electronics ELM652DA Datasheet HTML 6Page - ELM Electronics ELM652DA Datasheet HTML 7Page - ELM Electronics ELM652DA Datasheet HTML 8Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Rev.1.1
8 -
ELM652DA Dual-channeling CV/CC mode 36V switching controller
■Typical characteristics
0.000 0.500 1.000 1.500 2.000 2.500
0.000
1.000
2.000
3.000
4.000
5.000
6.000
Vin=12V,
Iload=1A
Vin=12V,
Iload=2A
Vin=24V,
Iload=1A
Vin=24V, Iload=2A
Iout (A)
Iout-Vout
0.000
0.500 1.000 1.500 2.000 2.500
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00
Vin=24V,
Iload=1A
Vin=12V,
Iload=2A
Vin=24V,
Iload=2A
Iout-Efficiency
Iout (A)
Vin=12V,
Iload=1A
0
10
20
30
40
5.00
5.05
5.10
5.15
5.20
Vin-Vout
Iload=500mA
Vin (V)
0
10
20
30
40
90.00
95.00
100.00
105.00
110.00
Vin-Freq
Iload=500mA
Vin (V)
0
5
10 15 20 25 30 35 40
100
105
110
115
120
125
130
Vin-Vcs
Iload=1A
Vin (V)
0
10
20
30
40
5.00
5.05
5.10
5.15
5.20
Vin-Vout
Iload=500mA
Vin (V)
• Vin=12V, R1=100kΩ, R2=0.1Ω, R3=0.05Ω, NMOS=ELM33410CA, PMOS=ELM34401AA
L=100µH, C1=100µF, C2=47nF, C3=47pF, C4=220µF, Top=25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com