Electronic Components Datasheet Search
  English  ▼

X  

ELM652DA Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM652DA
Description  Dual-channeling CV/CC mode 36V switching controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM652DA Datasheet(HTML) 4 Page - ELM Electronics

  ELM652DA Datasheet HTML 1Page - ELM Electronics ELM652DA Datasheet HTML 2Page - ELM Electronics ELM652DA Datasheet HTML 3Page - ELM Electronics ELM652DA Datasheet HTML 4Page - ELM Electronics ELM652DA Datasheet HTML 5Page - ELM Electronics ELM652DA Datasheet HTML 6Page - ELM Electronics ELM652DA Datasheet HTML 7Page - ELM Electronics ELM652DA Datasheet HTML 8Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Rev.1.1
8 -
Parameter
Symbol
Condition
Min.
Typ.
Max. Unit
Input voltage section
Input voltage
Vin
8
36
V
Input no load current
Ino-load Iout=0A
10
mA
Oscillator section
Operating frequency
Fosc
85
115
kHz
Duty cycle range
Duty
95
%
Error amplifier section
Reference voltage of
the voltage error amplifier
Vout
Iout=0A
5.05
5.10
5.15
V
Reference voltage of
the current error amplifier
Vcs1
Vcs2
107.5 112.0 116.5 mV
Tran conductance of Error amplifier Gmerr
150
µA/V
Output over voltage protection section
Output over voltage protection
Vovp
5.8
V
Output short circuit protection section
Short circuit fold back voltage
Vscp
2.0
V
Over temperature protection section
Thermal shut-down temperature
Totp,r Temperature rising
150
°C
Totp,f Temperature falling
100
°C
■Electrical characteristics
Vin=12V, Iout=4.0A, Top=25°C, unless otherwise specified
■Marking
SOP-8
Mark
Content
652
Product No.code
a to o
Assembly lot No.
ELM652DA Dual-channeling CV/CC mode 36V switching controller



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com