Electronic Components Datasheet Search
  English  ▼

X  

ELM652DA Datasheet(PDF) 5 Page - ELM Electronics

Part # ELM652DA
Description  Dual-channeling CV/CC mode 36V switching controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM652DA Datasheet(HTML) 5 Page - ELM Electronics

  ELM652DA Datasheet HTML 1Page - ELM Electronics ELM652DA Datasheet HTML 2Page - ELM Electronics ELM652DA Datasheet HTML 3Page - ELM Electronics ELM652DA Datasheet HTML 4Page - ELM Electronics ELM652DA Datasheet HTML 5Page - ELM Electronics ELM652DA Datasheet HTML 6Page - ELM Electronics ELM652DA Datasheet HTML 7Page - ELM Electronics ELM652DA Datasheet HTML 8Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Rev.1.1
8 -
■Application notes
1. CC current setting
The constant current value of ELM652DA is set by R2 resistor and R3 resistor. The output current of CC mode
and these resistors are set by the following equations:
R2 = 0.112 / IC1
R3 = 0.112 / IC2
2. Input capacitor selection
The bulk input capacitor selection is based on the voltage rating, the RMS current carrying capability, and the
required input voltage ripple.
The capacitor voltage rating is recommended with 1.5 times for the maximum input voltage as conservative
guideline, depending on the application condition.
The capacitor RMS current rating is considered for stress condition, and the trapezoid current waveform as the
simplified formula is described:
Irms = Iout(max) * √ ( Vout / Vin )
Vin = input voltage ; Vout = output voltage ; Iout(max) = maximum output current.
The capacitor values with respect to the required input voltage ripple if neglect ESR is described:
C = Iout(max) * ΔT / ΔV
ΔT = capacitor supplied charging time ; ΔV = allowable input voltage ripple.
3. Output inductor selection
The output inductor is selected for the trade-offs between the output inductor current ripple, dc resistance for
power loss, load transient response time, and the physical size.
The output inductor current ripple determines the output voltage ripple requirement, and the inductor’s dc re-
sistance concerns the power loss. The larger the inductor value, the smaller the inductor ripple current, but the
slower the transient response time, the larger the inductor dc resistance, and hence the larger the power loss.
The inductance value is described:
L = Vout * ( 1 - Vout / Vin ) * Tsw / ΔLl
Vin = input voltage ; Vout = output voltage ;
Tsw = switching period ; ΔLl = inductor ripple current.
4. Output capacitor selection
The output capacitor is selected for the trade-offs between output ripple voltage requirement, the output voltage
rating, the RMS current rating, the ESR and ESL for the load transient, and the physical size.
The capacitor voltage rating is recommended with 1.5 times for the maximum output voltage as conservative
guideline.
The capacitor RMS current rating is considered for stress condition’ and the trapezoid current waveform as the
simplified formula is described:
Irms = ΔLl / 2√3 ; ΔLl = inductor ripple current.
The output ripple voltage with respect to the capacitor ESR is described:
ΔV = ΔI * ( ESR + Tsw / ( 8 * C ) )
ΔI = capacitor ripple current’ which is equivalent to the inductor ripple current ;
ESR = capacitor equivalent series resistance ; Tsw = switching period.
ELM652DA Dual-channeling CV/CC mode 36V switching controller



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com