Electronic Components Datasheet Search
  English  ▼

X  

SM8222AS Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM8222AS
Description  Caller ID Service IC with Call Waiting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8222AS Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM8222AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SM8222A/B
NIPPON PRECISION CIRCUITS—3
PIN DESCRIPTION
Number
Name
I/O
Description
1
TIP
I
Tip input: Connected to the telephone through a protection circuit.
2
RING
I
Ring input: Connected to the telephone through a protection circuit.
3
GS
O
Input stage amplifier output: Used to select the input amplifier gain
4
AGND
O
Analog ground: Internal reference voltage (VDD/2) output.
5
CAP
I
Reference voltage capacitor connection. C = 0.1 µF
6
RDIN
I
Ring detect input: Line reversal and ring signal detect input. Connect to detect attenuated ring
signals. Schmitt-trigger input.
7
RDRC
I/O
Ring detect RC connection: RC network connection to set the ring detect delay time. Open-drain
output and schmitt-trigger input.
8
RDET
O
Ring detect output: RDRC schmitt-trigger buffer output. LOW when a ring signal is detected.
9
MODE
I
FSK interface mode select: Demodulated FSK signal output method select.
LOW [Mode = 0]: Demodulated data output and data sync clock output.
HIGH [Mode = 1]: Data output in sync with an external clock.
10
OSCIN
I
Crystal oscillator element input: Oscillator element connection between OSCIN and OSCOUT.
11
OSCOUT
O
Crystal oscillator element output: Oscillator element connection between OSCIN and OSCOUT.
12
GND
–
Ground: Connect to system ground.
13
IC
I
Test input: Tie LOW for normal operation.
14
PDWN
I
Power-down control: LOW for normal operation. HIGH for device power-down state.When device is
powered-down, AGND, OSCOUT, DCLK, DOUT, INT, CDET are all HIGH. DR also goes HIGH in
mode 0 output. Schmitt-trigger input.
15
FSKEN
I
FSK signal output control: Demodulated FSK signal output and carrier detect output control.
Mode 0: DCLK, DOUT, DR, CDET control
Mode 1: DCLK, DOUT, CDET control
FSK signal reception enabled when HIGH.
Signal pins (above) go HIGH when FSKEN is LOW.
16
DCLK
I/O
FSK interface clock: Demodulated FSK signal output clock.
Mode 0: Clock output in sync with data
Mode 1: Data read clock input
17
DOUT
O
Data output: Demodulated FSK signal output. HIGH-level output when PDWN is HIGH or FSKEN is
LOW, or when CDET is HIGH in receive state.
18
DR
O
Data output trigger: Demodulated FSK data timing output. Active-LOW. Becomes active when 8 bits
of data are completed.
19
CDET
O
Carrier (FSK signal) detect output: Goes LOW when a valid carrier signal is detected.
20
INT
O
Interrupt signal output: Goes LOW when either RDET is LOW, DR is LOW or STD is HIGH.
21
STD
O
Dual tone indicator output: Goes HIGH if the dual tone detect signal is recognized after the external
RC circuit time delay has elapsed.
22
EST
O
Dual tone detect output: Goes HIGH when the dual tone is detected.
23
STGT
I/O
Dual tone RC time constant circuit connection: External RC network connection for dual tone signal
detection processing. Sets STD output.
24
VDD
–
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com