Electronic Components Datasheet Search
  English  ▼

X  

SM8222AS Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM8222AS
Description  Caller ID Service IC with Call Waiting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8222AS Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM8222AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SM8222A/B
NIPPON PRECISION CIRCUITS—5
DC Electrical Characteristics
s
SM8222A
VDD = 3.0 ± 0.3 V, GND = 0 V, fCLK = 3.579545 MHz, Ta = −20 to 85 °C
s
SM8222B
VDD = 5.0 ± 0.5 V, GND = 0 V, fCLK = 3.579545 MHz, Ta = −20 to 85 °C
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Current consumption
IDD
OSCIN = PWDN = RDIN =
RDRC = MODE = 0 V,
FSKEN = VDD, all other
inputs open
–
2.5
4.5
mA
Power-down current consumption
IDPD
OSCIN = RDIN = RDRC =
MODE = 0 V, PWDN =
FSKEN = VDD, all other
inputs open
––
15
µA
LOW-level input voltage 1
VIL1
PWDN, MODE, FSKEN
–
–
0.3VDD
V
HIGH-level input voltage 1
VIH1
PWDN, MODE, FSKEN
0.7VDD
––
V
LOW-level input voltage 2
VIL2
RDIN, RDRC
–
–
0.3VDD
V
HIGH-level input voltage 2
VIH2
RDIN, RDRC
0.7VDD
––
V
LOW-level input voltage 3
VIL3
OSCIN
–
–
TBD
V
HIGH-level input voltage 3
VIH3
OSCIN
TBD
–
–
V
LOW-level output current
IOL
DOUT, EST, STD, STGT,
DCLK, DR, RDET, CDET
2––
mA
HIGH-level output current
IOH
DOUT, EST, STD, STGT,
DCLK, DR, RDET, CDET
––
−0.8
mA
Input leakage current
IIN
OSCIN, PWDN, RDIN
−1–
1
µA
Output leakage current
IOFF
RDRC, INT
––1
µA
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Current consumption
IDD
OSCIN = PWDN = RDIN =
RDRC = MODE = 0 V,
FSKEN = VDD, all other
inputs open
–
4.5
8.0
mA
Power-down current consumption
IDPD
OSCIN = RDIN = RDRC =
MODE = 0 V, PWDN =
FSKEN = VDD, all other
inputs open
––
15
µA
LOW-level input voltage 1
VIL1
PWDN, MODE, FSKEN
–
–
0.3VDD
V
HIGH-level input voltage 1
VIH1
PWDN, MODE, FSKEN
0.7VDD
––
V
LOW-level input voltage 2
VIL2
RDIN, RDRC
–
–
0.3VDD
V
HIGH-level input voltage 2
VIH2
RDIN, RDRC
0.7VDD
––
V
LOW-level input voltage 3
VIL3
OSCIN
–
–
TBD
V
HIGH-level input voltage 3
VIH3
OSCIN
TBD
–
–
V
LOW-level output current
IOL
DOUT, EST, STD, STGT,
DCLK, DR, RDET, CDET
2––
mA
HIGH-level output current
IOH
DOUT, EST, STD, STGT,
DCLK, DR, RDET, CDET
––
−0.8
mA
Input leakage current
IIN
OSCIN, PWDN, RDIN
−1–
1
µA
Output leakage current
IOFF
RDRC, INT
––1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com