Electronic Components Datasheet Search
  English  ▼

X  

SM8222AS Datasheet(PDF) 15 Page - Nippon Precision Circuits Inc

Part # SM8222AS
Description  Caller ID Service IC with Call Waiting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8222AS Datasheet(HTML) 15 Page - Nippon Precision Circuits Inc

Back Button SM8222AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 15Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
SM8222A/B
NIPPON PRECISION CIRCUITS—15
NIPPON PRECISION CIRCUITS INC. reserves the right to make changes to the products described in this data sheet in order to
improve the design or performance and to supply the best possible products. Nippon Precision Circuits Inc. assumes no responsibility for
the use of any circuits shown in this data sheet, conveys no license under any patent or other rights, and makes no claim that the circuits
are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Nippon Precision
Circuits Inc. makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification.
The products described in this data sheet are not intended to use for the apparatus which influence human lives due to the failure or
malfunction of the products. Customers are requested to comply with applicable laws and regulations in effect now and hereinafter,
including compliance with export controls on the distribution or dissemination of the products. Customers shall not export, directly or
indirectly, any products without first obtaining required licenses and approvals from appropriate government agencies.
NIPPON PRECISION CIRCUITS INC.
4-3, Fukuzumi 2-chome
Koto-ku, Tokyo 135-8430, Japan
Telephone: 03-3642-6661
Facsimile: 03-3642-6698
NC9811BE
1999.1
NIPPON PRECISION CIRCUITS INC.
TYPICAL APPLICATION CIRCUIT
All circuit component values are shown for reference only. These values are not guaranteed for mass production specification.
RING
TIP
GS
DOUT
DCLK
CAP
STGT
STD
EST
MODE
FSKEN
AGND
OSCIN
OSCOUT
RDIN
GND
VDD
PDWN
IC
RDRC
RDET
INT
CDET
DR
100k
20%
0.1
µF
20%
VDD
VDD
100nF
20%
220nF
20%
150k
5%
VDD
53.6k
1%
VDD
301k
5%
464k
1%
60.4k
1%
VDD
34k
1%
VDD
200k
5%
499k
5%
499k
5%
430K
(240k)
1%
22nF
5%
22nF
5%
100nF
5%
100nF
5%
L1
L2
34k
1%
Surge
Protection
430K
(240k)
1%
( ) = when SM8222B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com