Electronic Components Datasheet Search
  English  ▼

X  

SM8222AS Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM8222AS
Description  Caller ID Service IC with Call Waiting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8222AS Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM8222AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8222AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SM8222A/B
NIPPON PRECISION CIRCUITS—4
SPECIFICATIONS
Absolute Maximum Ratings
GND = 0 V
Recommended Operating Conditions
GND = 0 V
P arameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
SM8222A
−0.5 to 5.0
V
SM8222B
−0.5 to 7.0
Input voltage range
VIN
−0.3 to V
DD + 0.3
V
Input current
IIN
10
mA
Power dissipation
PD
44
mW
Storage temperature range
Tstg
−40 to 125
°C
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Supply voltage range
VDD
SM8222A
2.7
–
3.3
V
SM8222B
4.5
–
5.5
Clock frequency
fCLK
–
3.579545
–
MHz
Clock frequency accuracy
∆f
C
−0.1
–
+0.1
%
Operating temperature
Topr
−20
–
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com