Electronic Components Datasheet Search
  English  ▼

X  

LE25S40AMC Datasheet(PDF) 9 Page - ON Semiconductor

Part # LE25S40AMC
Description  Serial Flash Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S40AMC Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LE25S40AMC Datasheet HTML 5Page - ON Semiconductor LE25S40AMC Datasheet HTML 6Page - ON Semiconductor LE25S40AMC Datasheet HTML 7Page - ON Semiconductor LE25S40AMC Datasheet HTML 8Page - ON Semiconductor LE25S40AMC Datasheet HTML 9Page - ON Semiconductor LE25S40AMC Datasheet HTML 10Page - ON Semiconductor LE25S40AMC Datasheet HTML 11Page - ON Semiconductor LE25S40AMC Datasheet HTML 12Page - ON Semiconductor LE25S40AMC Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LE25S40AMC
www.onsemi.com
9
2. Dual read
There are two Dual read commands, the Dual Output read command and the Dual I/O read command. They achieve the
twice speed-up from a High-speed read command.
2-1. Dual Output read command
The Dual Output read command changes SI/SIO0 into the output pin function in addition to SO/SIO1, makes the data
output x2 bit and has achieved a high-speed output. Consisting of the first through fifth bus cycles, the Dual Output read
command inputs the 24-bit addresses and 8 dummy bits following (3Bh). DATA1 (Bit7, BIt5, Bit3 and Bit1) is output
from SI/SIO0 and DATA0 (Bit6, Bit4, Bit2 and Bit0) is output from SO/SIO1 on the falling clock edge of fifth bus
cycle bit 0 as a reference. "Figure 5-a Dual Output read" shows the timing waveforms.
Figure 5-a. Dual Output read
2-2. Dual I/O read command
The Dual I/O read command changes SI/SIO0 and SO/SIO1 into the input output pin function, makes the data input and
output x2 bit and has achieved a high-speed output. Consisting of the first through third bus cycles, the Dual I/O read
command inputs the 24-bit addresses and 4 dummy clocks following (BBh). The format of the address input and the
dummy bit input is the x2 bit input. Add1 (A23, A21, -, A3 and A1) is input from S0/SIO1 and Add0 (A22, A20, -, A2
and A0) is input from SI/SIO0. 2CLK of the latter half of the dummy clock is in the state of high impedance, the
controller can switch I/O for this period. DATA1 (Bit7, BIt5, Bit3 and Bit1) is output from SI/SIO0 and DATA0 (Bit6,
Bit4, Bit2 and Bit0) is output from SO/SIO1 on the falling clock edge of third bus cycle bit 0 as a reference. "Figure 5-b
Dual I/O Read" shows the timing waveforms.
Figure 5-b. Dual I/O Read
When SCK is input continuously after the read command has been input and the data in the designated addresses has
been output, the address is automatically incremented inside the device while SCK is being input, and the
corresponding data is output in sequence. If the SCK input is continued after the internal address arrives at the highest
address (7FFFFh), the internal address returns to the lowest address (00000h), and data output is continued. By setting
the logic level of CS to high, the device is deselected, and the read cycle ends. While the device is deselected, the output
pin SO is in a high-impedance state.
CS
High Impedance
DATA1
DATA1
DATA1
SCK
SO/SIO1
SI/SIO0
3Bh
Add.
Add.
Add.
15
MSB
MSB
0
1
2
3
4
5
6
7
8
23
16
24
31 32
39 40
43 44
47
Mode3
Mode0
8CLK
MSB
MSB
N+2
N+1
N
DATA0
DATA0
DATA0
4CLK
4CLK
DATA0
b6,b4,b2,b0
DATA1
b7,b5,b3,b1
dummy
bit
CS
High Impedance
DATA1
DATA1
DATA1
SCK
SO/SIO1
SI/SIO0
BBh
X
Add1:A22,A20-A2,A0
MSB
MSB
0
1
2
3
4
5
6
7
8
19
22 23 24
27 28
31
Mode3
Mode0
8CLK
MSB
MSB
N+2
N+1
N
DATA0
DATA0
DATA0
4CLK
DATA0
b6,b4,b2,b0
DATA1
b7,b5,b3,b1
dummy
bit
20 21
Add2:A23,A21-A3,A1
X
2CLK
2CLK
12CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com