Electronic Components Datasheet Search
  English  ▼

X  

LE25S40AMC Datasheet(PDF) 11 Page - ON Semiconductor

Part # LE25S40AMC
Description  Serial Flash Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S40AMC Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LE25S40AMC Datasheet HTML 7Page - ON Semiconductor LE25S40AMC Datasheet HTML 8Page - ON Semiconductor LE25S40AMC Datasheet HTML 9Page - ON Semiconductor LE25S40AMC Datasheet HTML 10Page - ON Semiconductor LE25S40AMC Datasheet HTML 11Page - ON Semiconductor LE25S40AMC Datasheet HTML 12Page - ON Semiconductor LE25S40AMC Datasheet HTML 13Page - ON Semiconductor LE25S40AMC Datasheet HTML 14Page - ON Semiconductor LE25S40AMC Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LE25S40AMC
www.onsemi.com
11
3-2. Status register write
The information in status registers BP0, BP1, BP2, TB and SRWP can be rewritten using the status register write
command. RDY, WEN and bit 6 are read-only bits and cannot be rewritten. The information in bits BP0, BP1, BP2, TB
and SRWP is stored in the non-volatile memory, and when it is written in these bits, the contents are retained even at
power-down. "Figure 7 Status Register Write" shows the timing waveforms of status register write, and Figure 20
shows a status register write flowchart. Consisting of the first and second bus cycles, the status register write command
initiates the internal write operation at the rising CS edge after the data has been input following (01h). Erase and
program are performed automatically inside the device by status register write so that erasing or other processing is
unnecessary before executing the command. By the operation of this command, the information in bits BP0, BP1, BP2,
TB and SRWP can be rewritten. Since bits RDY (bit 0), WEN (bit 1) and bit 6 of the status register cannot be written, no
problem will arise if an attempt is made to set them to any value when rewriting the status register. Status register write
ends can be detected by RDY of status register read. To initiate status register write, the logic level of the WP pin must
be set high and status register WEN must be set to "1".
Figure 7. Status Register Write
3-3. Contents of each status register
RDY (Bit0)
The RDY register is for detecting the write (program, erase and status register write) end. When it is "1", the device is in
a busy state, and when it is "0", it means that write is completed.
WEN (Bit1)
The WEN register is for detecting whether the device can perform write operations. If it is set to "0", the device will not
perform the write operation even if the write command is input. If it is set to "1", the device can perform write
operations in any area that is not block-protected.
WEN can be controlled using the write enable and write disable commands. By inputting the write enable command
(06h), WEN can be set to "1"; by inputting the write disable command (04h), it can be set to "0." In the following states,
WEN is automatically set to "0" in order to protect against unintentional writing.
 At power-on
 Upon completion of small sector erase, sector erase or chip erase
 Upon completion of page program
 Upon completion of status register write
* If a write operation has not been performed inside the LE25S40A because, for instance, the command input for any of
the write operations (small sector erase, sector erase, chip erase, page program, or status register write) has failed or a
write operation has been performed for a protected address, WEN will retain the status established prior to the issue of
the command concerned. Furthermore, its state will not be changed by a read operation.
tSRW
Self-timed
Write Cycle
SCK
SI
High Impedance
SO
CS
DATA
01h
15
0
1
2
3
4
5
6
7
8
Mode3
Mode0
8CLK
WP
tWPH
tWPS
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com