Electronic Components Datasheet Search
  English  ▼

X  

LE25S40AMC Datasheet(PDF) 14 Page - ON Semiconductor

Part # LE25S40AMC
Description  Serial Flash Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S40AMC Datasheet(HTML) 14 Page - ON Semiconductor

Back Button LE25S40AMC Datasheet HTML 10Page - ON Semiconductor LE25S40AMC Datasheet HTML 11Page - ON Semiconductor LE25S40AMC Datasheet HTML 12Page - ON Semiconductor LE25S40AMC Datasheet HTML 13Page - ON Semiconductor LE25S40AMC Datasheet HTML 14Page - ON Semiconductor LE25S40AMC Datasheet HTML 15Page - ON Semiconductor LE25S40AMC Datasheet HTML 16Page - ON Semiconductor LE25S40AMC Datasheet HTML 17Page - ON Semiconductor LE25S40AMC Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
LE25S40AMC
www.onsemi.com
14
7. Small Sector Erase
Small sector erase is an operation that sets the memory cell data in any small sector to "1". A small sector consists of
4Kbytes. "Figure 12 Small Sector Erase" shows the timing waveforms, and Figure 21 shows a small sector erase
flowchart. The small sector erase command consists of the first through fourth bus cycles, and it is initiated by inputting
the 24-bit addresses following (20h) or (D7h). Addresses A18 to A12 are valid, and Addresses A23 to A19 are "don't
care". After the command has been input, the internal erase operation starts from the rising CS edge, and it ends
automatically by the control exercised by the internal timer. Erase end can also be detected using status register RDY.
Figure 12. Small Sector Erase
8. Sector Erase
Sector erase is an operation that sets the memory cell data in any sector to "1". A sector consists of 64Kbytes. "Figure 13
Sector Erase" shows the timing waveforms, and Figure 21 shows a sector erase flowchart. The sector erase command
consists of the first through fourth bus cycles, and it is initiated by inputting the 24-bit addresses following (D8h).
Addresses A18 to A16 are valid, and Addresses A23 to A19 are "don't care". After the command has been input, the
internal erase operation starts from the rising CS edge, and it ends automatically by the control exercised by the internal
timer. Erase end can also be detected using status register RDY.
Figure 13. Sector Erase
Self-timed
Erase Cycle
SCK
SI
High Impedance
SO
CS
tSSE
Add.
20h / D7h
Add.
Add.
15
0
1
2
3
4
5
6
7
8
23
16
24
31
Mode3
Mode0
8CLK
MSB
SCK
SI
High Impedance
SO
CS
tSE
Self-timed
Erase Cycle
Add.
D8h
Add.
Add.
15
0
1
2
3
4
5
6
7
8
23
16
24
31
Mode3
Mode0
8CLK
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com