Electronic Components Datasheet Search
  English  ▼

X  

LE25S40AMC Datasheet(PDF) 20 Page - ON Semiconductor

Part # LE25S40AMC
Description  Serial Flash Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S40AMC Datasheet(HTML) 20 Page - ON Semiconductor

Back Button LE25S40AMC Datasheet HTML 15Page - ON Semiconductor LE25S40AMC Datasheet HTML 16Page - ON Semiconductor LE25S40AMC Datasheet HTML 17Page - ON Semiconductor LE25S40AMC Datasheet HTML 18Page - ON Semiconductor LE25S40AMC Datasheet HTML 19Page - ON Semiconductor LE25S40AMC Datasheet HTML 20Page - ON Semiconductor LE25S40AMC Datasheet HTML 21Page - ON Semiconductor LE25S40AMC Datasheet HTML 22Page - ON Semiconductor LE25S40AMC Datasheet HTML 23Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
LE25S40AMC
www.onsemi.com
20
Figure 20. Status Register Write Flowchart
Status register write
Start
05h
Set status register read
command
Set status register write
command
Program start on rising
edge of CS
End of status register
write
YES
Bit 0= “0” ?
06h
Write enable
01h
NO
* Automatically placed in write disabled state
at the end of the status register write
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com