Electronic Components Datasheet Search
  English  ▼

X  

Z86C08 Datasheet(PDF) 14 Page - Zilog, Inc.

Part # Z86C08
Description  CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C08 Datasheet(HTML) 14 Page - Zilog, Inc.

Back Button Z86C08 Datasheet HTML 10Page - Zilog, Inc. Z86C08 Datasheet HTML 11Page - Zilog, Inc. Z86C08 Datasheet HTML 12Page - Zilog, Inc. Z86C08 Datasheet HTML 13Page - Zilog, Inc. Z86C08 Datasheet HTML 14Page - Zilog, Inc. Z86C08 Datasheet HTML 15Page - Zilog, Inc. Z86C08 Datasheet HTML 16Page - Zilog, Inc. Z86C08 Datasheet HTML 17Page - Zilog, Inc. Z86C08 Datasheet HTML 18Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Z86C04/C08
CMOS 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
Zilog
14
P R E L I M I N A R Y
DS97DZ80502
T
A= 0°C to +70°C
TA= -40°C to +105°C
8 MHz
12 MHz
8 MHz
12 MHz
No Symbol
Parameter
V
CC
Min
Max
Min
Max
Min
Max
Min
Max
Units Notes
1
TpC
Input Clock Period 3.0V
125
DC
83
DC
125
DC
83
DC
ns
1
5.5V
125
DC
83
DC
125
DC
83
DC
ns
1
2
TrC,TfC Clock Input Rise
and Fall Times
3.0V
25
15
25
15
ns
1
5.5V
25
15
25
15
ns
1
3
TwC
Input Clock Width
3.0V
62
41
62
41
ns
1
5.5V
62
41
62
41
ns
1
4
TwTinL Timer Input Low
Width
3.0V
100
100
100
100
ns
1
5.5V
70
70
70
70
ns
1
5
TwTinH Timer Input High
Width
3.0V
5TpC
5TpC
5TpC
5TpC
1
5.5V
5TpC
5TpC
5TpC
5TpC
1
6
TpTin
Timer Input Period 3.0V
8TpC
8TpC
8TpC
8TpC
1
5.5V
8TpC
8TpC
8TpC
8TpC
1
7
TrTin,
TtTin
Timer Input Rise
and Fall Time
3.0V
100
100
100
100
ns
1
5.5V
100
100
100
100
ns
1
8
TwIL
Int. Request Input
Low Time
3.0V
100
100
100
100
ns
1,2
5.5V
70
70
70
70
ns
1,2
9
TwIH
Int. Request Input
High Time
3.0V
5TpC
5TpC
5TpC
5TpC
1
5.5V
5TpC
5TpC
5TpC
5TpC
1,2
10 Twdt
Watch-Dog Timer
Delay Time
Before Timeout
3.0V
25
25
25
25
ms
5.5V
12
12
10
10
ms
11 Tpor
Power-On Reset
Time
3.0V
50
160
50
160
50
160
50
160
ms
3
5.5V
20
80
20
80
20
80
20
80
ms
3
3.0V
4
38
4
38
4
38
4
38
ms
4
5.5V
3
18
3
18
2
18
2
18
ms
4
Notes:
1. Timing Reference uses 0.7 V
CC for a logic 1 and 0.2 VCC for a logic 0.
2. Interrupt request through Port 3 (P33-P31).
3. Z86C08.
4. Z86C04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com