Electronic Components Datasheet Search
  English  ▼

X  

Z86C08 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z86C08
Description  CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C08 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z86C08 Datasheet HTML 1Page - Zilog, Inc. Z86C08 Datasheet HTML 2Page - Zilog, Inc. Z86C08 Datasheet HTML 3Page - Zilog, Inc. Z86C08 Datasheet HTML 4Page - Zilog, Inc. Z86C08 Datasheet HTML 5Page - Zilog, Inc. Z86C08 Datasheet HTML 6Page - Zilog, Inc. Z86C08 Datasheet HTML 7Page - Zilog, Inc. Z86C08 Datasheet HTML 8Page - Zilog, Inc. Z86C08 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Z86C04/C08
Zilog
CMOS 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
DS97DZ80502
P R E L I M I N A R Y
5
1
CAPACITANCE
T
A = 25°C, VCC = GND = 0V, f = 1.0 MHz, unmeasured pins returned to GND.
DC ELECTRICAL CHARACTERISTICS
Parameter
Min
Max
Input capacitance
0
15 pF
Output capacitance
0
20 pF
I/O capacitance
0
25 pF
TA = –40°C
to +125
°C
Typical
Sym
Parameter
V
CC [4]
Min
Max
@ 25
°C Units
Conditions
Notes
V
CH
Clock Input High
Voltage
3.0V
0.8 V
CC
V
CC
+0.3
1.7
V
Driven by External
Clock Generator
5.5V
0.8 V
CC
V
CC
+0.3
2.8
V
Driven by External
Clock Generator
V
CL
Clock Input Low
Voltage
3.0V
V
SS
–0.3
0.2 V
CC
0.8
V
Driven by External
Clock Generator
5.5V
VSS–0.3
0.2 V
CC
1.7
V
Driven by External
Clock Generator
V
IH
Input High Voltage
3.0V
0.7 V
CC
V
CC
+0.3
1.8
V
1
5.5V
0.7 V
CC
V
CC
+0.3
2.8
V
1
V
IL
Input Low Voltage
3.0V
V
SS
–0.3
0.2 V
CC
0.8
V
1
5.5V
V
SS
–0.3
0.2 V
CC
1.5
V
1
V
OH
Output High
Voltage
3.0V
V
CC
–0.4
3.0
V
I
OH
= –2.0 mA
5
5.5V
V
CC
–0.4
4.8
V
I
OH
= –2.0 mA
5
3.0V
V
CC
–0.4
3.0
V
Low Noise @ I
OH
= –0.5 mA
5.5V
V
CC
–0.4
4.8
V
Low Noise @ I
OH
= –0.5 mA
V
OL1
Output Low Voltage
3.0V
0.8
0.2
V
I
OL
= +4.0 mA
5
5.5V
0.6
0.1
V
I
OL
= +4.0 mA
5
3.0V
0.6
0.2
V
Low Noise @ I
OL
= 1.0 mA
5.5V
0.6
0.1
V
Low Noise @ I
OL
= 1.0 mA
V
OL2
Output Low Voltage
3.0V
1.2
0.8
V
I
OL
= +12 mA
5
5.5V
1.0
0.3
V
I
OL
= +12 mA
5
V
OFFSET
Comparator Input
Offset Voltage
3.0V
25
10
mV
5.5V
25
10
mV
V
LV
V
CC Low Voltage
Auto Reset
1.8
3.0
2.6
V
Int. CLK Freq @ 2 MHz Max.
I
IL
Input Leakage
(Input Bias
Current of
Comparator)
3.0V
–1.0
1.0
µAV
IN
= 0V, V
CC
5.5
–1.0
1.0
µAV
IN = 0V, VCC
I
OL
Output Leakage
3.0V
–1.0
1.0
µAV
IN = 0V, VCC
5.5V
–1.0
1.0
µAV
IN = 0V, Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com