Electronic Components Datasheet Search
  English  ▼

X  

Z86C08 Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z86C08
Description  CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C08 Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z86C08 Datasheet HTML 3Page - Zilog, Inc. Z86C08 Datasheet HTML 4Page - Zilog, Inc. Z86C08 Datasheet HTML 5Page - Zilog, Inc. Z86C08 Datasheet HTML 6Page - Zilog, Inc. Z86C08 Datasheet HTML 7Page - Zilog, Inc. Z86C08 Datasheet HTML 8Page - Zilog, Inc. Z86C08 Datasheet HTML 9Page - Zilog, Inc. Z86C08 Datasheet HTML 10Page - Zilog, Inc. Z86C08 Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Z86C04/C08
CMOS 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
Zilog
7
P R E L I M I N A R Y
DS97DZ80502
DC ELECTRICAL CHARACTERISTICS (Continued)
TA = –40°C
to +125
°C Typical
Sym Parameter
V
CC [4]
Min
Max @ 25
°C Units
Conditions
Notes
I
CC1
Standby Current
(Low Noise Mode)
3.0V
2.5
0.7
mA HALT mode V
IN = 0V, VCC @ 1MHz
7
5.5V
4.0
2.5
mA HALT mode V
IN = 0V, VCC @ 1MHz
3.0V
3.0
0.9
mA HALT mode V
IN = 0V, VCC @ 2 MHz
7
5.5V
4.5
2.8
mA HALT mode V
IN = 0V, VCC @ 2 MHz
7
3.0V
4.0
1.0
mA HALT mode V
IN = 0V, VCC @ 4 MHz
7
5.5V
5.0
3.0
mA HALT mode V
IN = 0V, VCC @ 4 MHz
7
I
CC2
Standby Current
3.0V
20
1.0
µA STOP mode V
IN = 0V, VCC ;WDT is not
Running
7
5.5V
20
1.0
µA STOP mode V
IN = 0V, VCC ;WDTis not
Running
7
IALL
Auto Latch Low Current 3.0V
8.0
3.0
µA 0V < V
IN < VCC
5.5V
30
16
µA 0V < V
IN < VCC
IALH Auto Latch High Current 3.0V
–5.0
–1.5
µA 0V < V
IN < VCC
5.5V
–20
–8.0
µA 0V < V
IN < VCC
Notes:
1. Port 0, 2, and 3 only.
2. VSS = 0V = GND.
3. The device operates down to VLV. The minimum operational VCC is determined on the value of the voltage VLV at the ambient
temperature. The VLV increases as the temperature decreases.
4. VCC = 3.0V to 5.5V, typical values measured at VCC = 3.3V and VCC = 5.0V.
5. Standard Mode (not Low EMI mode).
6. Z86C08 only.
7. Inputs at power rail and outputs are unloaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com