Electronic Components Datasheet Search
  English  ▼

X  

Z86C08 Datasheet(PDF) 29 Page - Zilog, Inc.

Part # Z86C08
Description  CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C08 Datasheet(HTML) 29 Page - Zilog, Inc.

Back Button Z86C08 Datasheet HTML 25Page - Zilog, Inc. Z86C08 Datasheet HTML 26Page - Zilog, Inc. Z86C08 Datasheet HTML 27Page - Zilog, Inc. Z86C08 Datasheet HTML 28Page - Zilog, Inc. Z86C08 Datasheet HTML 29Page - Zilog, Inc. Z86C08 Datasheet HTML 30Page - Zilog, Inc. Z86C08 Datasheet HTML 31Page - Zilog, Inc. Z86C08 Datasheet HTML 32Page - Zilog, Inc. Z86C08 Datasheet HTML 33Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Z86C04/C08
Zilog
CMOS 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
DS97DZ80502
P R E L I M I N A R Y
29
1
Figure 24. Port 0 and 1 Mode Register
(F8
H: Write Only)
Figure 25. Interrupt Priority Register (F9
H: Write Only)
Figure 26. Interrupt Request Register (FA
H:
Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
P0 - P0 Mode
00 = Output
01 = Input
Reserved (Must be 0.)
Must be 1.
R248 P01M
03
D7 D6 D5 D4 D3 D2 D1 D0
Interrupt Group Priority
000 Reserved
001 C > A > B
010 A > B > C
011 A > C > B
100 B > C > A
101 C > B > A
110 B > A > C
111 Reserved
IRQ3, IRQ5 Priority (Group A)
0 IRQ5 > IRQ3
1 IRQ3 > IRQ5
IRQ0, IRQ2 Priority (Group B)
0 IRQ2 > IRQ0
1 IRQ0 > IRQ2
IRQ1, IRQ4 Priority (Group C)
0 IRQ1 > IRQ4
1 IRQ4 > IRQ1
Reserved (Must be 0.)
R249 IPR
D7
D6
D5
D4
D3 D2
D1
D0
IRQ0 = P32 Input
↓
IRQ1 = P33 Input
↓
IRQ2 = P31 Input
↓
IRQ3 = P32 Input
↑
IRQ4 = T0
IRQ5 = T1
Reserved (Must be 0.)
R250 IRQ
Figure 27. Interrupt Mask Register (FB
H: Read/Write)
Figure 28. Flag Register (FC
H: Read/Write)
Figure 29. Register Pointer (FD
H: Read/Write)
Figure 30. Stack Pointer (FF
H: Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Reserved (Must be 0.)
1 Enables IRQ5-IRQ0
(D
= IRQ0)
1 Enables Interrupts
0
R251 IMR
D7 D6
D5
D4 D3
D2 D1
D0
User Flag F1
User Flag F2
Half Carry Flag
Decimal Adjust Flag
Overflow Flag
Sign Flag
Zero Flag
Carry Flag
R252 Flags
D7
D6
D5
D4
D3
D2
D1
D0
Reserved (Must be 0.)
Register Pointer
R253 RP
D7
D6
D5
D4
D3
D2
D1
D0
Stack Pointer Lower
Byte (SP
- SP
)
7
0
R255 SPL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com