Electronic Components Datasheet Search
  English  ▼

X  

Z86C08 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z86C08
Description  CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C08 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button Z86C08 Datasheet HTML 2Page - Zilog, Inc. Z86C08 Datasheet HTML 3Page - Zilog, Inc. Z86C08 Datasheet HTML 4Page - Zilog, Inc. Z86C08 Datasheet HTML 5Page - Zilog, Inc. Z86C08 Datasheet HTML 6Page - Zilog, Inc. Z86C08 Datasheet HTML 7Page - Zilog, Inc. Z86C08 Datasheet HTML 8Page - Zilog, Inc. Z86C08 Datasheet HTML 9Page - Zilog, Inc. Z86C08 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Z86C04/C08
CMOS 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
Zilog
6
P R E L I M I N A R Y
DS97DZ80502
DC ELECTRICAL CHARACTERISTICS (Continued)
V
VICR
Comparator Input
Common Mode
Voltage Range
0V
CC
–1.5
V
ICC
Supply Current
3.0V
3.5
1.5
mA
All Output and I/O Pins Floating
@ 2 MHz
5,7
5.5V
7.0
3.8
mA
All Output and I/O Pins Floating
@ 2 MHz
5,7
3.0V
8.0
3.0
mA
All Output and I/O Pins Floating
@ 8 MHz
5,7
5.5V
11.0
4.4
mA
All Output and I/O Pins Floating
@ 8 MHz
5,7
3.0V
10
3.6
mA
All Output and I/O Pins Floating
@ 12 MHz
5,7
5.5V
15
9.0
mA
All Output and I/O Pins Floating
@ 12 MHz
5,7
I
CC1
Standby Current
3.0V
2.5
0.7
mA
HALT mode V
IN = 0V,
V
CC
@ 2 MHz
5,7
5.5V
4.0
2.5
mA
HALT mode V
IN = 0V,
V
CC
@ 2 MHz
5,7
3.0V
4.0
1.0
mA
HALT mode V
IN = 0V,
V
CC
@ 8 MHz
5,7
5.5V
5.0
3.0
mA
HALT mode V
IN = 0V,
V
CC
@ 8 MHz
5,7
3.0V
4.5
1.5
mA
HALT mode V
IN = 0V,
V
CC
@ 12 MHz
5,7
5.5V
7.0
4.0
mA
HALT mode V
IN = 0V,
V
CC
@ 12 MHz
5,7
I
CC
Supply Current
(Low Noise Mode)
3.0V
3.5
1.5
mA
All Output and I/O Pins Floating
@ 1 MHz
7
5.5V
7.0
3.8
mA
All Output and I/O Pins Floating
@ 1 MHz
7
3.0V
5.8
2.5
mA
All Output and I/O Pins Floating
@ 2 MHz
7
5.5V
9.0
4.0
mA
All Output and I/O Pins Floating
@ 2 MHz
7
3.0V
8.0
3.0
mA
All Output and I/O Pins Floating
@ 4 MHz
7
5.5V
11.0
4.4
mA
All Output and I/O Pins Floating
@ 4 MHz
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com