Electronic Components Datasheet Search
  English  ▼

X  

286C6116FSC Datasheet(PDF) 9 Page - Zilog, Inc.

Part # 286C6116FSC
Description  CMOS Z8 MICROCONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

286C6116FSC Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button 286C6116FSC Datasheet HTML 5Page - Zilog, Inc. 286C6116FSC Datasheet HTML 6Page - Zilog, Inc. 286C6116FSC Datasheet HTML 7Page - Zilog, Inc. 286C6116FSC Datasheet HTML 8Page - Zilog, Inc. 286C6116FSC Datasheet HTML 9Page - Zilog, Inc. 286C6116FSC Datasheet HTML 10Page - Zilog, Inc. 286C6116FSC Datasheet HTML 11Page - Zilog, Inc. 286C6116FSC Datasheet HTML 12Page - Zilog, Inc. 286C6116FSC Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
9
Z86C61/62/96
Z8® MICROCONTROLLER
Table 4. Z86C62 68-Pin PLCC Pin Identification
Pin #
Symbol
Function
Direction
1-2
P44-P43
Port 4, Pins 3,4
In/Output
3V
CC
Power Supply
Input
4
P45
Port 4, Pin 5
In/Output
5
XTAL2
Crystal, Oscillator Clock
Output
6
XTAL1
Crystal, Oscillator Clock
Input
7
P37
Port 3, Pin 7
Output
8
P30
Port 3, Pin 0
Input
9
/RESET
Reset
Input
10
R//W
Read/Write
Output
11
/P0DS
Port 0 Data Strobe
Output
12
/DS
Data Strobe
Output
13-14
P47-P46
Port 4, Pins 6,7
In/Output
15
/P1DS
Port 1, Data Strobe
Output
16
/AS
Address Strobe
Output
17
/DTIMER
DTIMER
Input
18
P35
Port 3, Pin 5
Output
19
R//RL
ROM/ROMless control
Input
20
GND
Ground
Input
21
P32
Port 3, Pin 2
Input
22-23
P51-P50
Port 5, Pins 0,1
In/Output
Pin #
Symbol
Function
Direction
24-31
P07-P00
Port 0, Pins 0,1,2,3,4,5,6,7 In/Output
32
V
CC
Power Supply
Input
33-36
P55-P52
Port 5, Pins 2,3,4,5
In/Output
37-38
P11-P10
Port 1, Pins 0,1
In/Output
39-40
P56-P57
Port 5, Pins 6,7
In/Output
41-46
P17-P12
Port 1, Pins 2,3,4,5,6,7
In/Output
47-48
P63-P62
Port 6, Pins 3,2
In/Output
49
P34
Port 3, Pin 4
Output
50
P33
Port 3, Pin 3
Input
51
GND
Ground
Input
52
/SYNC
Synchronization
Output
53
SCLK
System Clock
Output
54-55
P21-P20
Port 2, Pins 0,1
In/Output
56-57
P60-P61
Port 6, Pins 1,0
In/Output
58-63
P27-P22
Port 2, Pins 2,3,4,5,6,7
In/Output
64-65
P41-P40
Port 4, Pins 0,1
In/Output
66
P31
Port 3, Pin 1
Input
67
P36
Port 3, Pin 6
Output
68
P42
Port 4, Pin 2
In/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com