Electronic Components Datasheet Search
  English  ▼

X  

286C6116FSC Datasheet(PDF) 35 Page - Zilog, Inc.

Part # 286C6116FSC
Description  CMOS Z8 MICROCONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

286C6116FSC Datasheet(HTML) 35 Page - Zilog, Inc.

Back Button 286C6116FSC Datasheet HTML 31Page - Zilog, Inc. 286C6116FSC Datasheet HTML 32Page - Zilog, Inc. 286C6116FSC Datasheet HTML 33Page - Zilog, Inc. 286C6116FSC Datasheet HTML 34Page - Zilog, Inc. 286C6116FSC Datasheet HTML 35Page - Zilog, Inc. 286C6116FSC Datasheet HTML 36Page - Zilog, Inc. 286C6116FSC Datasheet HTML 37Page - Zilog, Inc. 286C6116FSC Datasheet HTML 38Page - Zilog, Inc. 286C6116FSC Datasheet HTML 39Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
35
Z86C61/62/96
Z8® MICROCONTROLLER
D7
D6
D5
D4
D3
D2
D1
D0
P20 - P27 I/O Definition
0
Defines Bit as Output
1
Defines Bit as Input
R246 P2M
Figure 36. Port 2 Mode Register
(F6
H: Write Only)
D7
D6
D5
D4
D3
D2
D1
D0
R247 P3M
0 Port 2 Open Drain
1 Port 2 Push-pull
0 Parity Off
1 Parity On
0 P32 = Input
P35 = Output
1 P32 = /DAV0/RDY0
P35 = RDY0//DAV0
0 P31 = Input (TIN)
P36 = Output (TOUT)
1 P31 = /DAV2/RDY2
P36 = RDY2//DAV2
0
P30 = Input
P37 = Output
1
P30 = Serial In
P37 = Serial Out
Reserved (Must be 0)
00
P33 = Input
P34 = Output
01
P33 = Input
10
P34 = /DM
P33 = /DAV1/RDY1
P34 = RDY1//DAV1
11
D7
D6
D5
D4
D3
D2
D1
D0
R248 P01M
P00 - P00 Mode
00
Output
01
Input
1X
A11 - A8
Stack Selection
0
External
1
Internal
P17 - P10 Mode
00
Byte Output
01
Byte Input
10
AD7 - AD0
11
High-Impedance AD7 - DA0,
/AS, /DS, /R//W, A11 - A8,
A15 - A12, If Selected
P07 - P04 Mode
00
Output
01
Input
1X
A 15 - A12
Reserved (Must be 0)
Figure 38. Port 0 and 1 Mode Register
(F8
H: Write Only)
D7
D6
D5
D4
D3
D2
D1
D0
Interrupt Group Priority
Reserved = 000
C > A > B = 001
A > B > C = 010
A > C > B = 011
B > C > A = 100
C > B > A = 101
B > A > C = 110
Reserved = 111
IRQ3, IRQ5 Priority (Group A)
0
IRQ5 > IRQ3
1
IRQ3 > IRQ5
IRQ0, IRQ2 Priority (Group B)
0
IRQ2 > IRQ0
1
IRQ0 > IRQ2
IRQ1, IRQ4 Priority (Group C)
0
IRQ1 > IRQ4
1
IRQ4 > IRQ1
Reserved (Must be 0)
R249 IPR
Figure 39. Interrupt Priority Register
(F9
H: Write Only)
Figure 37. Port 3 Mode Register
(F7
H: Write Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com