Electronic Components Datasheet Search
  English  ▼

X  

286C6116FSC Datasheet(PDF) 38 Page - Zilog, Inc.

Part # 286C6116FSC
Description  CMOS Z8 MICROCONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

286C6116FSC Datasheet(HTML) 38 Page - Zilog, Inc.

Back Button 286C6116FSC Datasheet HTML 34Page - Zilog, Inc. 286C6116FSC Datasheet HTML 35Page - Zilog, Inc. 286C6116FSC Datasheet HTML 36Page - Zilog, Inc. 286C6116FSC Datasheet HTML 37Page - Zilog, Inc. 286C6116FSC Datasheet HTML 38Page - Zilog, Inc. 286C6116FSC Datasheet HTML 39Page - Zilog, Inc. 286C6116FSC Datasheet HTML 40Page - Zilog, Inc. 286C6116FSC Datasheet HTML 41Page - Zilog, Inc. 286C6116FSC Datasheet HTML 42Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
38
Z86C61/62/96
Z8® MICROCONTROLLER
INSTRUCTION SET NOTATION
Addressing Modes. The following notation is used to
describe the addressing modes and instruction opera-
tions as shown in the instruction summary.
Symbol
Meaning
IRR
Indirect register pair or indirect working-
register pair address
Irr
Indirect working-register pair only
X
Indexed address
DA
Direct address
RA
Relative address
IM
Immediate
R
Register or working-register address
r
Working-register address only
IR
Indirect-register or indirect
working-register address
Ir
Indirect working-register address only
RR
Register pair or working register pair
address
Symbols. The following symbols are used in describing
the instruction set.
Symbol
Meaning
dst
Destination location or contents
src
Source location or contents
cc
Condition code
@
Indirect address prefix
SP
Stack Pointer
PC
Program Counter
FLAGS
Flag register (Control Register 252)
RP
Register Pointer (R253)
IMR
Interrupt mask register (R251)
Flags. Control register (R252) contains the following six
flags:
Symbol
Meaning
C
Carry flag
Z
Zero flag
S
Sign flag
V
Overflow flag
D
Decimal-adjust flag
H
Half-carry flag
Affected flags are indicated by:
0
Clear to zero
1
Set to one
*
Set to clear according to operation
-
Unaffected
x
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com