Electronic Components Datasheet Search
  English  ▼

X  

286C6116FSC Datasheet(PDF) 17 Page - Zilog, Inc.

Part # 286C6116FSC
Description  CMOS Z8 MICROCONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

286C6116FSC Datasheet(HTML) 17 Page - Zilog, Inc.

Back Button 286C6116FSC Datasheet HTML 13Page - Zilog, Inc. 286C6116FSC Datasheet HTML 14Page - Zilog, Inc. 286C6116FSC Datasheet HTML 15Page - Zilog, Inc. 286C6116FSC Datasheet HTML 16Page - Zilog, Inc. 286C6116FSC Datasheet HTML 17Page - Zilog, Inc. 286C6116FSC Datasheet HTML 18Page - Zilog, Inc. 286C6116FSC Datasheet HTML 19Page - Zilog, Inc. 286C6116FSC Datasheet HTML 20Page - Zilog, Inc. 286C6116FSC Datasheet HTML 21Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
17
Z86C61/62/96
Z8® MICROCONTROLLER
Port 3 can be configured under software control to provide
the following control functions: handshake for Ports 0 and
2 (/DAV and RDY); four external interrupt request signals
(IRQ3-IRQ0); timer input and output signals (T
IN and TOUT),
and Data Memory Select (/DM).
D7
D6
D5
D4
D3
D2
D1
D0
Start Bit
Eight Data Bits
Transmitted Data (No Parity)
Two Stop Bits
SP SP
ST
D7
D6
D5
D4
D3
D2
D1
D0
Start Bit
Eight Data Bits
Received Data (No Parity)
One Stop Bit
SP
ST
P
D6D5D4D3D2D1D0
Start Bit
Seven Data Bits
Transmitted Data (With Parity)
Odd Parity
Two Stop Bits
SP SP
ST
P
D6D5D4D3D2D1D0
Start Bit
Seven Data Bits
Received Data (With Parity)
Parity Error Flag
One Stop Bit
ST
SP
Figure 14. Serial Data Formats
Table 7. Port 3 Pin Assignments
Pin
I/O
CTC1
Int.
P0 HS
P1 HS
P2 HS
UART
Ext
P30
IN
IRQ3
Serial In
P31
IN
T
IN
IRQ2
D/R
P32
IN
IRQ0
D/R
P33
IN
IRQ1
D/R
P34
OUT
R/D
DM
P35
OUT
R/D
P36
OUT
T
OUT
R/D
P37
OUT
Serial Out
T0
IRQ4
T1
IRQ5
Notes:
HS = Handshake Signals
D = Data Available
R = Ready
UART OPERATION
Port 3 lines P30 and P37, can be programmed as serial
I/O lines for full-duplex serial asynchronous receiver/
transmitter operation. The bit rate is controlled by the
Counter/Timer0.
The Z86C61/62/96 automatically adds a start bit and two
stop bits to transmitted data (Figure 14). Odd parity is also
available as an option. Eight data bits are always transmit-
ted, regardless of parity selection. If parity is enabled, the
eighth bit is the odd parity bit. An interrupt request (IRQ4)
is generated on all transmitted characters.
Received data must have a start bit, eight data bits and at
least one stop bit. If parity is on, bit 7 of the received data
is replaced by a parity error flag. Received characters
generate the IRQ3 interrupt request.
Note: UART function is only available in stardard timing
mode (i.e., P01M D5 = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com