Electronic Components Datasheet Search
  English  ▼

X  

286C6116FSC Datasheet(PDF) 10 Page - Zilog, Inc.

Part # 286C6116FSC
Description  CMOS Z8 MICROCONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

286C6116FSC Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button 286C6116FSC Datasheet HTML 6Page - Zilog, Inc. 286C6116FSC Datasheet HTML 7Page - Zilog, Inc. 286C6116FSC Datasheet HTML 8Page - Zilog, Inc. 286C6116FSC Datasheet HTML 9Page - Zilog, Inc. 286C6116FSC Datasheet HTML 10Page - Zilog, Inc. 286C6116FSC Datasheet HTML 11Page - Zilog, Inc. 286C6116FSC Datasheet HTML 12Page - Zilog, Inc. 286C6116FSC Datasheet HTML 13Page - Zilog, Inc. 286C6116FSC Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
10
Z86C61/62/96
Z8® MICROCONTROLLER
PIN DESCRIPTION (Continued)
Table 5. Z86C96 64-Pin DIP Pin Identification
Pin # Symbol
Function
Direction
1
P44
Port 4, Pin 4
In/Output
2V
CC
Power Supply
Input
3
P45
Port 4, Pin 5
In/Output
4
XTAL2
Crystal, Oscillator Clock
Output
5
XTAL1
Crystal, Oscillator Clock
Input
6
P37
Port 3, Pin 7
Output
7
P30
Port 3, Pin 0
Input
8
N/C
Not Connected
Input
9
/RESET
Reset
Input
10
R//W
Read/Write
Output
11
/DS
Data Strobe
Output
12-13 P47-P46
Port 4, Pins 6,7
In/Output
14
/AS
Address Strobe
Output
15
P35
Port 3, Pin 5
Output
16
N/C
Not Connected
Input
17
GND
Ground
Input
18
P32
Port 3, Pin 2
Input
19-20 P51-P50
Port 5, Pins 0,1
In/Output
21-28 P07-P00
Port 0, Pins 0,1,2,3,4,5,6,7 In/Output
29
V
CC
Power Supply
Input
30-33 P55-P52
Port 5, Pins 2,3,4,5
In/Output
34-35 P11-P10
Port 1, Pins 0,1
In/Output
36-37 P56-P57
Port 5, Pins 6,7
In/Output
38-43 P17-P12
Port 1, Pins 2,3,4,5,6,7
In/Output
44-45 P63-P62
Port 6, Pins 3,2
In/Output
46
P34
Port 3, Pin 4
Output
47
P33
Port 3, Pin 3
Input
48
GND
Ground
Input
49-50 P21-P20
Port 2, Pins 0,1
In/Output
51-52 P61-P60
Port 6, Pins 1,0
In/Output
53-58 P27-P22
Port 2, Pins 2,3,4,5,6,7
In/Output
59-60 P41-P40
Port 4, Pins 0,1
In/Output
61
P31
Port 3, Pin 1
Input
62
P36
Port 3, Pin 6
Output
63
P42
Port 4, Pin 2
In/Output
64
P43
Port 4, Pin 3
In/Output
Z86C96
DIP
P43
P42
P36
P31
P41
P40
P27
P26
P25
P24
P23
P22
P60
P61
P21
P20
GND
P33
P34
P62
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
P63
P17
P16
P15
43
42
41
40
P14
P13
P12
P57
P56
P11
P10
P55
39
38
37
36
35
34
33
64
P44
VCC
P45
XTAL2
P47
/AS
P35
N/C
GND
P32
P50
P51
XTAL1
P37
P30
NC
/RESET
R//W
/DS
P46
19
P00
P01
P02
P03
P06
P07
VCC
P52
P53
P54
P04
P05
1
2
3
4
5
6
7
8
9
20
21
22
23
24
25
26
27
28
29
30
31
32
10
11
12
13
14
15
16
17
18
Figure 8. Z86C96 64-Pin DIP Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com