Electronic Components Datasheet Search
  English  ▼

X  

Z86K13 Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z86K13
Description  CMOS Z8 8-Bit MCU Keyboard Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86K13 Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button Z86K13 Datasheet HTML 4Page - Zilog, Inc. Z86K13 Datasheet HTML 5Page - Zilog, Inc. Z86K13 Datasheet HTML 6Page - Zilog, Inc. Z86K13 Datasheet HTML 7Page - Zilog, Inc. Z86K13 Datasheet HTML 8Page - Zilog, Inc. Z86K13 Datasheet HTML 9Page - Zilog, Inc. Z86K13 Datasheet HTML 10Page - Zilog, Inc. Z86K13 Datasheet HTML 11Page - Zilog, Inc. Z86K13 Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Z86K13/K14/K15/K16/K17/K18
CMOS Z8® 8-Bit MCU Keyboard Controllers
Zilog
8
P R E L I M I N A R Y
DS97KEY0204
AC ELECTRICAL CHARACTERISTICS
T
A = 0°C to 70°C
V
CC
5 MHz
No
Symbol
Parameter
Note[4]
Min
Max
Units
Notes
1
TpC
Input Clock Period
5.0V
200
250
ns
1
2
TrC,TfC
Clock Input Rise & Fall Times
5.0V
25
ns
1
3
TwC
Input Clock Width
5.0V
37
ns
1
4
TwTinL
Timer Input Low Width
5.0V
70
ns
1
5
TwTinH
Timer Input High Width
5.0V
2.5TpC
1
6
TpTin
Timer Input Period
5.0V
4TpC
1
7
TrTin,
Timer Input Rise & Fall Timer
5.0V
100
ns
8A
TwIL
Int. Request Low Time
5.0V
70
ns
1,2
8B
TwIL
Int. Request Low Time
5.0V
3TpC
1,3
9
TwIH
Int. Request Input High Time
5.0V
3TpC
1,2
10
Twsm
STOP Mode Recovery Width Spec
5.0V
5TpC
ns
11
Tost
Oscillator Start-up Time
5.0V
5TpC
12
Twdt
Watch-Dog Timer Delay Time
5.0V
53
ms
13
T
POR
Power--On Reset
5.0V
106
130
ms
Notes:
1. Timing Reference uses 0.7 V
CC for a logic 1 and 0.2 VCC for a logic 0.
2. Interrupt request through Port 3 (P31-P33).
3. Interrupt request through Port 3 (P30).
Figure 6. Additional Timing
Clock
1
3
4
8
2
2
3
TIN
IRQN
6
5
7
7
11
Clock
Setup
10
9
Stop
Mode
Recovery
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com