Electronic Components Datasheet Search
  English  ▼

X  

Z86K13 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z86K13
Description  CMOS Z8 8-Bit MCU Keyboard Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86K13 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button Z86K13 Datasheet HTML 2Page - Zilog, Inc. Z86K13 Datasheet HTML 3Page - Zilog, Inc. Z86K13 Datasheet HTML 4Page - Zilog, Inc. Z86K13 Datasheet HTML 5Page - Zilog, Inc. Z86K13 Datasheet HTML 6Page - Zilog, Inc. Z86K13 Datasheet HTML 7Page - Zilog, Inc. Z86K13 Datasheet HTML 8Page - Zilog, Inc. Z86K13 Datasheet HTML 9Page - Zilog, Inc. Z86K13 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Z86K13/K14/K15/K16/K17/K18
CMOS Z8® 8-Bit MCU Keyboard Controllers
Zilog
6
P R E L I M I N A R Y
DS97KEY0204
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the de-
vice. This is a stress rating only; operation of the device at
any condition above those indicated in the operational sec-
tions of these specifications is not implied. Exposure to ab-
solute maximum rating conditions for extended periods
may affect device reliability.
STANDARD TEST CONDITIONS
The characteristics listed here apply for standard test con-
ditions as noted. All voltages are referenced to GND. Pos-
itive current flows into the referenced pin (Figure 5).
CAPACITANCE
T
A = 25°C; VCC = GND = 0V; f = 1.0 MHz; unmeasured pins returned to GND.
Frequency tolerance
±10%
Symbol
Description
Min
Max
Units
V
CC
Supply Voltage*
–0.3
+7.0
V
T
STG
Storage Temp
–65
+150
°C
T
A
Oper Ambient Temp
0
+105
°C
Note: * Voltage on all pins with respect to GND.
Figure 5. Test Load Diagram
From Output
Under Test
150 pF
Parameter
Max
Input Capacitance
12 pF
Output Capacitance
12 pF
I/O Capacitance
12 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com