Electronic Components Datasheet Search
  English  ▼

X  

Z86K13 Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z86K13
Description  CMOS Z8 8-Bit MCU Keyboard Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86K13 Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z86K13 Datasheet HTML 3Page - Zilog, Inc. Z86K13 Datasheet HTML 4Page - Zilog, Inc. Z86K13 Datasheet HTML 5Page - Zilog, Inc. Z86K13 Datasheet HTML 6Page - Zilog, Inc. Z86K13 Datasheet HTML 7Page - Zilog, Inc. Z86K13 Datasheet HTML 8Page - Zilog, Inc. Z86K13 Datasheet HTML 9Page - Zilog, Inc. Z86K13 Datasheet HTML 10Page - Zilog, Inc. Z86K13 Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Z86K13/K14/K15/K16/K17/K18
Zilog
CMOS Z8® 8-Bit MCU Keyboard Controllers
DS97KEY0204
P R E L I M I N A R Y
7
1
DC CHARACTERISTICS
V
CC = 5.0V ± 10% @ 0°C to +70°C
Sym
Parameter
Min
Max
Typ*
Unit Condition
V
CH
Clock Input High Voltage
0.7 V
CC
V
CC + 0.3V
2.5
V
Driven by External Clock Generator
V
CL
Clock Input Low Voltage
GND –0.3
0.2 V
CC
1.5
V
Driven by External Clock Generator
V
IH
Input High Voltage
0.7 V
CC
V
CC + 0.3
2.5
V
V
IL
Input Low Voltage
GND –0.3
0.2 V
CC
1.5
V
V
OH
Output High Voltage
V
CC –0.4
4.7
V
I
OH = –2.0 mA
V
OH
Output High Voltage
V
CC –0.6
V
I
OH = –2.0 mA (see note 1 below.)
V
OL
Output Low Voltage
.4
V
I
OL= 4 mA
V
OL
Output Low Voltage
.8
V
I
OL= 4 mA (see note 1 below.)
I
OL
Output Low
10
20
mA
V
OL= VCC –2.2 V (see note 1, 2 below.)
I
OL
Output Leakage
–1
1
<1
µAV
IN = 0V, 5.25V
I
CC
V
CC Supply Current
12
6
mA
@ 5.0 MHz
I
CC1
Halt Mode Current
2
mA
@ 5.0 MHz
I
CC2
Stop Mode Current
10
µA
R
p
Pull Up Resistor
6.76
14.04
10.4
K ohm
R
p
Pull Up Resistor (P26-P27)
1.8
3
2.4
K ohm
Notes:
* Typical @ 25
°C
1. Ports P37-P34. These may be used for LEDs or as general-purpose outputs requiring high sink current.
2. Vcc = 5.0V
± 5% @ 0°C to + 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com