Electronic Components Datasheet Search
  English  ▼

X  

Z86K13 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z86K13
Description  CMOS Z8 8-Bit MCU Keyboard Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86K13 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z86K13 Datasheet HTML 1Page - Zilog, Inc. Z86K13 Datasheet HTML 2Page - Zilog, Inc. Z86K13 Datasheet HTML 3Page - Zilog, Inc. Z86K13 Datasheet HTML 4Page - Zilog, Inc. Z86K13 Datasheet HTML 5Page - Zilog, Inc. Z86K13 Datasheet HTML 6Page - Zilog, Inc. Z86K13 Datasheet HTML 7Page - Zilog, Inc. Z86K13 Datasheet HTML 8Page - Zilog, Inc. Z86K13 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Z86K13/K14/K15/K16/K17/K18
Zilog
CMOS Z8® 8-Bit MCU Keyboard Controllers
DS97KEY0204
P R E L I M I N A R Y
5
1
Figure 4. 44-Pin QFP Pin Assignments
34
44
P37
P20
P21
P22
P23
P30
P31
P32
P33
NC
NC
P16
P15
P14
P13
P12
P11
P10
P07
P06
P05
P04
1
23
33
Z86KXX
QFP
11
22
12
Notes:
Pins 43 and 44 are used for testing ground during normal operation.
When Pin 45 is connected to V
CC, Pin 46 is CLKOUT.
When Pin 45 is connected to GND. Pin 46 outputs nothing.
Table 3. 44-Pin QFP Pin Identification
Pin #
Symbol
Function
Direction
1
NC
Not Connected
2-5
P24-P27
Port 2, Pins
4,5,6,7
In/Output
6
GND
Ground
7V
CC
Supply Voltage
8-15
P00-P07
Port 0, Pins
0,1,2,3,4,5,6,7,
Output
16-22
P10-P16
Port 1, Pins
0,1,2,3,4,5,6
Output
23
NC
Not Connected
24
P17
Port 1, Pin 7
Output
25
V
CC
Supply Voltage
26
GND
Ground
27
AGND/ XTAL2 Analog Ground/
Crystal Clock Out
28
NC
Not Connected
29
RCIN / XTAL1 RCIN/Crystal
Oscillator Clock
Input
30-32
P34-P36
Port 3, Pins 4,5,6 Output
33
NC
Not Connected
34
P37
Port 3, Pin 7
Output
35-38
P20-P23
Port 2, Pins
0,1,2,3
Input
39-42
P30-P33
Port 3, Pins
0,1,2,3
Input
43-44
NC
Test Pins (GND)
Table 3. 44-Pin QFP Pin Identification
Pin #
Symbol
Function
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com