Electronic Components Datasheet Search
  English  ▼

X  

Z86K13 Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z86K13
Description  CMOS Z8 8-Bit MCU Keyboard Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86K13 Datasheet(HTML) 3 Page - Zilog, Inc.

  Z86K13 Datasheet HTML 1Page - Zilog, Inc. Z86K13 Datasheet HTML 2Page - Zilog, Inc. Z86K13 Datasheet HTML 3Page - Zilog, Inc. Z86K13 Datasheet HTML 4Page - Zilog, Inc. Z86K13 Datasheet HTML 5Page - Zilog, Inc. Z86K13 Datasheet HTML 6Page - Zilog, Inc. Z86K13 Datasheet HTML 7Page - Zilog, Inc. Z86K13 Datasheet HTML 8Page - Zilog, Inc. Z86K13 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Z86K13/K14/K15/K16/K17/K18
Zilog
CMOS Z8® 8-Bit MCU Keyboard Controllers
DS97KEY0204
P R E L I M I N A R Y
3
1
PIN DESCRIPTION
Figure 2. 40-Pin DIP Configuration
P30
P31
P32
P33
*NC
*NC
P27
P26
P25
P24
GND
VCC
P00
P01
P02
P03
P04
P05
P06
P07
P23
P22
P21
P20
P37
P36
P35
P34
RCIN/XTAL1
AGND/XTAL2
GND
VCC
P17
P16
P15
P14
P13
P12
P11
P10
40
Z86KXX
DIP
1
20
21
Notes:
*Pin 5 and 6 used for testing Ground during normal operation.
When Pin 5 is connected to V
CC. Pin 6 is CLK OUT.
When Pin 5 is connected to GND, Pin 6 outputs nothing.
These pins must be tied to ground in application.
Table 1. 40-Pin DIP Pin Identification
Pin #
Symbol
Function
Direction
1-4
P30-P33
Port 3, Pins 0,1,2,3
Input
5-6
NC
Tied to GND
7-10
P27-P24
Port 2, Pins 7,6,5,4
In/Output
11
GND
Ground
12
V
CC
Power Supply
Input
13-20
P00-P07
Port 0, Pins 0,1,2,3,4,5,6,7
Output
21-28
P10-P17
Port 1, Pins 0,1,2,3,4,5,6,7
Output
29
V
CC
Power Supply
30
GND
Ground
31
AGND/XTAL2
Analog Ground or Crystal Clock Out
32
RCIN/XTAL1
RCIN/Crystal Oscillator Clock
Input
33-36
P34-P37
Port 3, Pins 4,5,6,7
Output
37-40
P20-P23
Port 2, Pins 0,1,2,3
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com