Electronic Components Datasheet Search
  English  ▼

X  

87C52 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # 87C52
Description  CMOS single-chip 8-bit microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C52 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button 87C52 Datasheet HTML 42Page - NXP Semiconductors 87C52 Datasheet HTML 43Page - NXP Semiconductors 87C52 Datasheet HTML 44Page - NXP Semiconductors 87C52 Datasheet HTML 45Page - NXP Semiconductors 87C52 Datasheet HTML 46Page - NXP Semiconductors 87C52 Datasheet HTML 47Page - NXP Semiconductors 87C52 Datasheet HTML 48Page - NXP Semiconductors 87C52 Datasheet HTML 49Page - NXP Semiconductors 87C52 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
Philips Semiconductors
Product specification
80C52/80C54/80C58
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
16
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
SCON
(98H)
D0
D1
D2
D3
D4
D5
D6
D7
D8
1
1
1
0
COMPARATOR
11
X
RECEIVED ADDRESS D0 TO D7
PROGRAMMED ADDRESS
IN UART MODE 2 OR MODE 3 AND SM2 = 1:
INTERRUPT IF REN=1, RB8=1 AND “RECEIVED ADDRESS” = “PROGRAMMED ADDRESS”
– WHEN OWN ADDRESS RECEIVED, CLEAR SM2 TO RECEIVE DATA BYTES
– WHEN ALL DATA BYTES HAVE BEEN RECEIVED: SET SM2 TO WAIT FOR NEXT ADDRESS.
SU00045
Figure 9. UART Multiprocessor Communication, Automatic Address Recognition
Interrupt Priority Structure
The 80C52/54/58 has a 6-source four-level interrupt structure. There
are 3 SFRs associated with the interrupts on the 80C52/54/58. They
are the IE and IP. (See Figures 10 and 11.) In addition, there is the
IPH (Interrupt Priority High) register that makes the four-level
interrupt structure possible. The IPH is located at SFR address B7H.
The structure of the IPH register and a description of its bits is
shown below:
IPH (Interrupt Priority High) (B7H)
76
54
32
10
–
–
PT2H
PSH
PT1H
PX1H
PT0H
PX0H
IPH.0
PX0H External interrupt 0 priority high
IPH.1
PT0H Timer 0 interrupt priority high
IPH.2
PX1H External interrupt 1 priority high
IPH.3
PT1H Timer 1 interrupt priority high
IPH.4
PSH
Serial Port interrupt high
IPH.5
PT2H Timer 2 interrupt priority high
IPH.6
—
Not implemented
IPH.7
—
Not implemented
The function of the IPH SFR is simple and when combined with the
IP SFR determines the priority of each interrupt. The priority of each
interrupt is determined as shown in the following table:
PRIORITY BITS
INTERRUPT PRIORITY LEVEL
IPH.x
IP.x
INTERRUPT PRIORITY LEVEL
0
0
Level 0 (lowest priority)
0
1
Level 1
1
0
Level 2
1
1
Level 3 (highest priority)
The priority scheme for servicing the interrupts is the same as that
for the 80C51, except there are four interrupt levels on the
80C52/54/58 rather than two as on the 80C51. An interrupt will be
serviced as long as an interrupt of equal or higher priority is not
already being serviced. If an interrupt of equal or higher level priority
is being serviced, the new interrupt will wait until it is finished before
being serviced. If a lower priority level interrupt is being serviced, it
will be stopped and the new interrupt serviced. When the new
interrupt is finished, the lower priority level interrupt that was
stopped will be completed.
Table 7.
Interrupt Table
SOURCE
POLLING PRIORITY
REQUEST BITS
HARDWARE CLEAR?
VECTOR ADDRESS
X0
1
IE0
N (L)1
Y (T)2
03H
T0
2
TP0
Y
0BH
X1
3
IE1
N (L)
Y (T)
13H
T1
4
TF1
Y
1BH
SP
5
R1, TI
N
23H
T2
6
TF2, EXF2
N
2BH
PCA
7
CF, CCFn
n = 0–4
N
33H
NOTES:
1. L = Level activated
2. T = Transition activated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com