Electronic Components Datasheet Search
  English  ▼

X  

87C52 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # 87C52
Description  CMOS single-chip 8-bit microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C52 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button 87C52 Datasheet HTML 47Page - NXP Semiconductors 87C52 Datasheet HTML 48Page - NXP Semiconductors 87C52 Datasheet HTML 49Page - NXP Semiconductors 87C52 Datasheet HTML 50Page - NXP Semiconductors 87C52 Datasheet HTML 51Page - NXP Semiconductors 87C52 Datasheet HTML 52Page - NXP Semiconductors 87C52 Datasheet HTML 53Page - NXP Semiconductors 87C52 Datasheet HTML 54Page - NXP Semiconductors 87C52 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 62 page
background image
Philips Semiconductors
Product specification
80C52/80C54/80C58
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
21
AC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C or –40°C to +85°C, VCC = 5V ±10%, VSS = 0V1, 2, 3
24MHz CLOCK
VARIABLE CLOCK4
33MHz CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
13
Oscillator frequency
Speed versions : I (24MHz)
: N (33MHz)
3.5
24
3.5
33
3.5
33
MHz
tLHLL
13
ALE pulse width
43
2tCLCL–40
21
ns
tAVLL
13
Address valid to ALE low
17
tCLCL–25
5
ns
tLLAX
13
Address hold after ALE low
17
tCLCL–25
ns
tLLIV
13
ALE low to valid instruction in
102
4tCLCL–65
55
ns
tLLPL
13
ALE low to PSEN low
17
tCLCL–25
5
ns
tPLPH
13
PSEN pulse width
80
3tCLCL–45
45
ns
tPLIV
13
PSEN low to valid instruction in
65
3tCLCL–60
30
ns
tPXIX
13
Input instruction hold after PSEN
0
0
0
ns
tPXIZ
13
Input instruction float after PSEN
17
tCLCL–25
5
ns
tAVIV
13
Address to valid instruction in
128
5tCLCL–80
70
ns
tPLAZ
13
PSEN low to address float
10
10
10
ns
Data Memory
tRLRH
14, 15
RD pulse width
150
6tCLCL–100
82
ns
tWLWH
14, 15
WR pulse width
150
6tCLCL–100
82
ns
tRLDV
14, 15
RD low to valid data in
118
5tCLCL–90
60
ns
tRHDX
14, 15
Data hold after RD
0
0
0
ns
tRHDZ
14, 15
Data float after RD
55
2tCLCL–28
32
ns
tLLDV
14, 15
ALE low to valid data in
183
8tCLCL–150
90
ns
tAVDV
14, 15
Address to valid data in
210
9tCLCL–165
105
ns
tLLWL
14, 15
ALE low to RD or WR low
75
175
3tCLCL–50
3tCLCL+50
40
140
ns
tAVWL
14, 15
Address valid to WR low or RD low
92
4tCLCL–75
45
ns
tQVWX
14, 15
Data valid to WR transition
12
tCLCL–30
0
ns
tWHQX
14, 15
Data hold after WR
17
tCLCL–25
5
ns
tQVWH
15
Data valid to WR high
162
7tCLCL–130
80
ns
tRLAZ
14, 15
RD low to address float
0
0
0
ns
tWHLH
14, 15
RD or WR high to ALE high
17
67
tCLCL–25
tCLCL+25
5
55
ns
External Clock
tCHCX
17
High time
17
17
tCLCL–tCLCX
ns
tCLCX
17
Low time
17
17
tCLCL–tCHCX
ns
tCLCH
17
Rise time
5
5
ns
tCHCL
17
Fall time
5
5
ns
Shift Register
tXLXL
16
Serial port clock cycle time
505
12tCLCL
360
ns
tQVXH
16
Output data setup to clock rising edge
283
10tCLCL–133
167
ns
tXHQX
16
Output data hold after clock rising edge
3
2tCLCL–80
ns
tXHDX
16
Input data hold after clock rising edge
0
0
0
ns
tXHDV
16
Clock rising edge to input data valid
283
10tCLCL–133
167
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.
3. Interfacing the 80C52/54/58 to devices with float times up to 45ns is permitted. This limited bus contention will not cause damage to Port 0
drivers.
4. Variable clock is specified for oscillator frequencies greater than 16MHz to 33MHz. For frequencies equal or less than 16MHz, see 16MHz
“AC Electrial Characteristics”, page 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com