Electronic Components Datasheet Search
  English  ▼

X  

87C52 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # 87C52
Description  CMOS single-chip 8-bit microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C52 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button 87C52 Datasheet HTML 51Page - NXP Semiconductors 87C52 Datasheet HTML 52Page - NXP Semiconductors 87C52 Datasheet HTML 53Page - NXP Semiconductors 87C52 Datasheet HTML 54Page - NXP Semiconductors 87C52 Datasheet HTML 55Page - NXP Semiconductors 87C52 Datasheet HTML 56Page - NXP Semiconductors 87C52 Datasheet HTML 57Page - NXP Semiconductors 87C52 Datasheet HTML 58Page - NXP Semiconductors 87C52 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 62 page
background image
Philips Semiconductors
Product specification
80C52/80C54/80C58
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
25
VCC
P0
EA
RST
XTAL1
XTAL2
VSS
VCC
VCC
VCC
ICC
(NC)
CLOCK SIGNAL
SU00719
Figure 21. ICC Test Condition, Active Mode
All other pins are disconnected
VCC
P0
EA
RST
XTAL1
XTAL2
VSS
VCC
VCC
ICC
(NC)
CLOCK SIGNAL
SU00720
Figure 22. ICC Test Condition, Idle Mode
All other pins are disconnected
VCC–0.5
0.45V
0.7VCC
0.2VCC–0.1
tCHCL
tCLCL
tCLCH
tCLCX
tCHCX
SU00009
Figure 23. Clock Signal Waveform for ICC Tests in Active and Idle Modes
tCLCH = tCHCL = 5ns
VCC
P0
EA
RST
XTAL1
XTAL2
VSS
VCC
VCC
ICC
(NC)
SU00016
Figure 24. ICC Test Condition, Power Down Mode
All other pins are disconnected. VCC = 2V to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com