Electronic Components Datasheet Search
  English  ▼

X  

87C52 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # 87C52
Description  CMOS single-chip 8-bit microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C52 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button 87C52 Datasheet HTML 15Page - NXP Semiconductors 87C52 Datasheet HTML 16Page - NXP Semiconductors 87C52 Datasheet HTML 17Page - NXP Semiconductors 87C52 Datasheet HTML 18Page - NXP Semiconductors 87C52 Datasheet HTML 19Page - NXP Semiconductors 87C52 Datasheet HTML 20Page - NXP Semiconductors 87C52 Datasheet HTML 21Page - NXP Semiconductors 87C52 Datasheet HTML 22Page - NXP Semiconductors 87C52 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
Philips Semiconductors
Product specification
80C32/87C52
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
19
VCC–0.5
0.45V
0.2VCC+0.9
0.2VCC–0.1
NOTE:
AC inputs during testing are driven at VCC –0.5 for a logic ‘1’ and 0.45V for a logic ‘0’.
Timing measurements are made at VIH min for a logic ‘1’ and VIL max for a logic ‘0’.
SU00010
Figure 10. AC Testing Input/Output
VLOAD
VLOAD+0.1V
VLOAD–0.1V
VOH–0.1V
VOL+0.1V
NOTE:
TIMING
REFERENCE
POINTS
For timing purposes, a port is no longer floating when a 100mV change from load voltage occurs,
and begins to float when a 100mV change from the loaded VOH/VOL level occurs. IOH/IOL ≥ ±20mA.
SU00011
Figure 11. Float Waveform
30
25
20
15
10
5
4MHz
8MHz
12MHz 16MHz
FREQ AT XTAL1
ICC mA
20MHz
SU00070B
40
35
50
45
60
55
65
24MHz 28MHz 32MHz 36MHz
MAX ACTIVE MODE
ICCMAX = 1.5 X FREQ. + 8.0
TYP ACTIVE MODE
MAX IDLE MODE
TYP IDLE MODE
Figure 12. ICC vs. FREQ
Valid only within frequency specifications of the device under test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com