Electronic Components Datasheet Search
  English  ▼

X  

87C52 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # 87C52
Description  CMOS single-chip 8-bit microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C52 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button 87C52 Datasheet HTML 52Page - NXP Semiconductors 87C52 Datasheet HTML 53Page - NXP Semiconductors 87C52 Datasheet HTML 54Page - NXP Semiconductors 87C52 Datasheet HTML 55Page - NXP Semiconductors 87C52 Datasheet HTML 56Page - NXP Semiconductors 87C52 Datasheet HTML 57Page - NXP Semiconductors 87C52 Datasheet HTML 58Page - NXP Semiconductors 87C52 Datasheet HTML 59Page - NXP Semiconductors 87C52 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
Philips Semiconductors
Product specification
80C52/80C54/80C58
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
26
Security Bits
With none of the security bits programmed the code in the program
memory can be verified. If the encryption table is programmed, the
code will be encrypted when verified. When only security bit 1 (see
Table 8) is programmed, MOVC instructions executed from external
program memory are disabled from fetching code bytes from the
internal memory, EA is latched on Reset and all further programming
of the EPROM is disabled. When security bits 1 and 2 are
programmed, in addition to the above, verify mode is disabled.
Encryption Array
64 bytes of encryption array are initially unprogrammed (all 1s).
Table 8. Program Security Bits
PROGRAM LOCK BITS1, 2
SB1
SB2
PROTECTION DESCRIPTION
1
U
U
No Program Security features enabled.
(Code verify will still be encrypted by the Encryption Array if programmed.)
2
P
U
MOVC instructions executed from external program memory are disabled from fetching code bytes from
internal memory, EA is sampled and latched on Reset, and further programming of the EPROM is disabled.
NOTES:
1. P – programmed. U – unprogrammed.
2. Any other combination of the security bits is not defined.
80C52 ROM CODE SUBMISSION
When submitting ROM code for the 80C52, the following must be specified:
1. 8k byte user ROM data
2. 64 byte ROM encryption key
3. ROM security bits.
ADDRESS
CONTENT
BIT(S)
COMMENT
0000H to 1FFFH
DATA
7:0
User ROM Data
2000H to 201FH
KEY
7:0
ROM Encryption Key
FFH = no encryption
2020H
SEC
0
ROM Security Bit 1
0 = enable security
1 = disable security
2020H
SEC
1
ROM Security Bit 2
0 = enable security
1 = disable security
Security Bit 1: When programmed, this bit has two effects on masked ROM parts:
1. External MOVC is disabled, and
2. EA is latched on Reset.
Security Bit 2: When programmed, this bit inhibits Verify User ROM.
If the ROM Code file does not include the options, the following information must be included with the ROM code.
For each of the following, check the appropriate box, and send to Philips along with the code:
Security Bit #1:
V Enabled
V Disabled
Security Bit #2:
V Enabled
V Disabled
Encryption:
V No
V Yes
If Yes, must send key file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com