Electronic Components Datasheet Search
  English  ▼

X  

TL064CPWR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TL064CPWR
Description  Low-Power JFET-Input Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL064CPWR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TL064CPWR Datasheet HTML 13Page - Texas Instruments TL064CPWR Datasheet HTML 14Page - Texas Instruments TL064CPWR Datasheet HTML 15Page - Texas Instruments TL064CPWR Datasheet HTML 16Page - Texas Instruments TL064CPWR Datasheet HTML 17Page - Texas Instruments TL064CPWR Datasheet HTML 18Page - Texas Instruments TL064CPWR Datasheet HTML 19Page - Texas Instruments TL064CPWR Datasheet HTML 20Page - Texas Instruments TL064CPWR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
TL061
R2
R1
C1
C2
R3
C3
VCC−
VCC+
Output
Input
O
R1 R2
2 R3
1.5 M
C3
C1 C2
110 pF
2
1
f
1 kHz
2π R1 C1
=
=
´
=
=
=
=
=
=
´
´
TL064
Output C
VCC+
VCC+
Output B
TL064
VCC+
Output A
TL064
VCC+
TL064
VCC+
100 k
Ω
100
µF
Input
1
µF
1 M
Ω
100 k
Ω
100 k
Ω
TL061
−15 V
15 V
Output
1 k
Ω
9.1 k
Ω
3.3 k
Ω
CF = 3.3 µF
RF = 100 kΩ
3.3 k
Ω
F
F
1
f
2π R
C
=
´
´
+
−
TL064
VCC+
VCC−
100 k
Ω
Input B
10 k
Ω
0.1%
0.1%
10 k
Ω
VCC−
VCC+
TL064
Input A
VCC+
TL064
VCC−
100 k
Ω
10 k
Ω
0.1%
10 k
Ω
0.1%
TL064
VCC−
VCC+
100 k
Ω
100 k
Ω
Output
1 M
Ω
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
0.5
1
1.5
2
Time (ms)
VIN
VOUT
TL061, TL061A, TL061B
TL062, TL062A, TL062B, TL064, TL064A, TL064B
www.ti.com
SLOS078L – NOVEMBER 1978 – REVISED MAY 2015
Typical Applications (continued)
9.2.1.3 Application Curve
Figure 20. Input and Output Voltages of the Inverting Amplifier
9.3 System Examples
9.3.1 General Applications
Figure 21. Instrumentation Amplifier
Figure 22. 0.5-Hz Square-Wave Oscillator
Figure 23. High-Q Notch Filter
Figure 24. Audio-Distribution Amplifier
Copyright © 1978–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TL061 TL061A TL061B TL062 TL062A TL062B TL064 TL064A TL064B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com