Electronic Components Datasheet Search
  English  ▼

X  

TL064CPWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL064CPWR
Description  Low-Power JFET-Input Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL064CPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL064CPWR Datasheet HTML 6Page - Texas Instruments TL064CPWR Datasheet HTML 7Page - Texas Instruments TL064CPWR Datasheet HTML 8Page - Texas Instruments TL064CPWR Datasheet HTML 9Page - Texas Instruments TL064CPWR Datasheet HTML 10Page - Texas Instruments TL064CPWR Datasheet HTML 11Page - Texas Instruments TL064CPWR Datasheet HTML 12Page - Texas Instruments TL064CPWR Datasheet HTML 13Page - Texas Instruments TL064CPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
AVD
(left scale)
1
0.001
f − Frequency − Hz
10
100
1 k
10 k
100 k
1 M
10 M
0.01
0.1
1
10
100
135
°
90
°
180
°
45
°
0
°
VCC± = ±15 V
Rext = 0
RL = 10 kΩ
TA = 25°C
Phase Shift
(right scale)
RL = 10 kΩ
VCC± = ±15 V
1
−75
TA − Free-Air Temperature − °C
−50
−25
0
25
50
75
100
125
2
4
10
7
See Figure 2
TA = 25°C
VCC± = ±15 V
0
100
RL − Load Resistance − Ω
1 k
10 k
2.5
±
5
±
7.5
±
10
±
12.5
±
15
±
200
400
700
2 k
4 k
7 k
VCC± = ±12 V
VCC± = ±5 V
f − Frequency − Hz
1 k
0
10 k
100 k
1 M
10 M
2.5
±
5
±
7.5
±
10
±
12.5
±
RL = 10 kΩ
TA = 25°C
See Figure 2
VCC± = ±15 V
−75
0
TA − Free-Air Temperature − °C
2.5
±
5
±
7.5
±
10
±
12.5
±
15
±
−50
−25
0
25
50
75
100
125
VCC± = ±15 V
RL = 10 kΩ
See Figure 2
0
0
|VCC±| − Supply Voltage − V
2.5
±
5
±
7.5
±
10
±
12.5
±
15
±
2
4
6
8
10
12
14
16
RL = 10 kΩ
TA = 25°C
See Figure 2
TL061, TL061A, TL061B
TL062, TL062A, TL062B, TL064, TL064A, TL064B
SLOS078L – NOVEMBER 1978 – REVISED MAY 2015
www.ti.com
Figure 1. Maximum Peak Output Voltage vs Supply Voltage
Figure 2. Maximum Peak Output Voltage vs Free-Air
Temperature
Figure 4. Maximum Peak Output Voltage vs Frequency
Figure 3. Maximum Peak Output Voltage vs Load
Resistance
Figure 5. Differential Voltage Amplification vs Free-Air
Figure 6. Large-Signal Differential Voltage Amplification and
Temperature
Phase Shift vs Frequency
10
Submit Documentation Feedback
Copyright © 1978–2015, Texas Instruments Incorporated
Product Folder Links: TL061 TL061A TL061B TL062 TL062A TL062B TL064 TL064A TL064B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com