Electronic Components Datasheet Search
  English  ▼

X  

TL064CPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL064CPWR
Description  Low-Power JFET-Input Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL064CPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL064CPWR Datasheet HTML 2Page - Texas Instruments TL064CPWR Datasheet HTML 3Page - Texas Instruments TL064CPWR Datasheet HTML 4Page - Texas Instruments TL064CPWR Datasheet HTML 5Page - Texas Instruments TL064CPWR Datasheet HTML 6Page - Texas Instruments TL064CPWR Datasheet HTML 7Page - Texas Instruments TL064CPWR Datasheet HTML 8Page - Texas Instruments TL064CPWR Datasheet HTML 9Page - Texas Instruments TL064CPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
TL061, TL061A, TL061B
TL062, TL062A, TL062B, TL064, TL064A, TL064B
SLOS078L – NOVEMBER 1978 – REVISED MAY 2015
www.ti.com
6.6 Thermal Information - 20 Pins
TL06xx
THERMAL METRIC(1)
FK (LCCC)
UNIT
20 PINS
RθJA
Junction-to-ambient thermal resistance(2)(3)
—
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance(4)(5)
5.61
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Maximum power dissipation is a function of TJ(max), RθJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/RθJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
(4)
Maximum power dissipation is a function of TJ(max), RθJC, and TC. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TC) / RθJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
(5)
The package thermal impedance is calculated in accordance with MIL-STD-883.
6.7 Electrical Characteristics for TL06xC and TL06xxC
VCC± = ±15 V (unless otherwise noted)
TL061AC, TL062AC,
TL061C, TL062C, TL064C
TL064AC
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
TA = 25°C
3
15
3
6
VIO
Input offset voltage
VO = 0, RS = 50 Ω
mV
TA = Full range
20
7.5
Temperature coefficient
αVIO
VO = 0, RS = 50 Ω, TA = Full range
10
10
μV/°C
of input offset voltage
TA = 25°C
5
200
5
100
pA
IIO
Input offset current
VO = 0
TA = Full range
5
3
nA
TA = 25°C
30
400
30
200
pA
IIB
Input bias current(2)
VO = 0
TA = Full range
10
7
nA
–12
–12
Common-mode input
VICR
TA = 25°C
±11
to
±11
to
V
voltage range
15
15
RL = 10 kΩ, TA = 25°C
±10
±13.5
±10
±13.5
Maximum peak output
VOM
V
voltage swing
RL ≥ 10 kΩ, TA = Full range
±10
±10
TA = 25°C
3
6
4
6
Large-signal differential
VO = ±10 V,
AVD
V/mV
voltage amplification
RL ≥ 2 kΩ
TA = Full range
3
4
B1
Unity-gain bandwidth
RL = 10 kΩ, TA = 25°C
1
1
MHz
ri
Input resistance
TA = 25°C
Ω
1012
1012
Common-mode
VIC = VICRmin,
CMRR
70
86
80
86
dB
rejection ratio
VO = 0, RS = 50 Ω, TA = 25°C
Supply-voltage
VCC = ±9 V to ±15 V,
kSVR
rejection ratio
70
95
80
95
dB
VO = 0, RS = 50 Ω, TA = 25°C
(
ΔVCC±/ΔVIO)
Total power dissipation
PD
VO = 0, No load, TA = 25°C
6
7.5
6
7.5
mW
(each amplifier)
Supply current
ICC
VO = 0, No load, TA = 25°C
200
250
200
250
µA
(each amplifier)
VO1/VO2
Crosstalk attenuation
AVD = 100, TA = 25°C
120
120
dB
(1)
All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified. Full
range for TA is 0°C to 70°C for TL06xC, TL06xAC, and TL06xBC and –40°C to 85°C for TL06xI.
(2)
Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as
shown in Figure 12. Pulse techniques are used to maintain the junction temperature as close to the ambient temperature as possible.
6
Submit Documentation Feedback
Copyright © 1978–2015, Texas Instruments Incorporated
Product Folder Links: TL061 TL061A TL061B TL062 TL062A TL062B TL064 TL064A TL064B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com