Electronic Components Datasheet Search
  English  ▼

X  

TL064CPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL064CPWR
Description  Low-Power JFET-Input Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL064CPWR Datasheet(HTML) 3 Page - Texas Instruments

  TL064CPWR Datasheet HTML 1Page - Texas Instruments TL064CPWR Datasheet HTML 2Page - Texas Instruments TL064CPWR Datasheet HTML 3Page - Texas Instruments TL064CPWR Datasheet HTML 4Page - Texas Instruments TL064CPWR Datasheet HTML 5Page - Texas Instruments TL064CPWR Datasheet HTML 6Page - Texas Instruments TL064CPWR Datasheet HTML 7Page - Texas Instruments TL064CPWR Datasheet HTML 8Page - Texas Instruments TL064CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4IN+
NC
VCC−
NC
3IN+
1IN+
NC
VCC+
NC
2IN+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN−
1IN+
VCC+
2IN+
2IN−
2OUT
4OUT
4IN−
4IN+
VCC−
3IN+
3IN−
3OUT
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
VCC−
VCC+
2OUT
2IN−
2IN+
NC
2OUT
NC
2IN−
NC
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
1IN−
NC
1IN+
NC
1
2
3
4
8
7
6
5
OFFSET N1
IN−
IN+
VCC−
NC
VCC+
OUT
OFFSET N2
TL061, TL061A, TL061B
TL062, TL062A, TL062B, TL064, TL064A, TL064B
www.ti.com
SLOS078L – NOVEMBER 1978 – REVISED MAY 2015
5 Pin Configuration and Functions
TL061x D, P, and PS Package
TL062 FK Package
8-Pin SOIC, PDIP, and SO
20-Pin LCCC
Top View
Top View
TL062x D, JG, P, PS, and PW Package
8-Pin SOIC, CDIP, PDIP, SO, and TSSOP
Top View
TL064 FK Package
20-Pin LCCC
Top View
TL064x D, J, N, NS, PW, and W Package
14-Pin SOIC, CDIP, PDIP, SO, TSSOP and CFP
Top View
Pin Functions
PIN
TL061
TL062
TL064
TYPE
DESCRIPTION
NAME
D, JG, P,
D, J, N, NS,
D, P, PS
FK
FK
PS, PW
PW, W
1IN–
—
2
5
2
3
I
Negative input
1IN+
—
3
7
3
4
I
Positive input
1OUT
—
1
2
1
2
O
Output
2IN–
—
6
15
6
9
I
Negative input
2IN+
—
5
12
5
8
I
Positive input
2OUT
—
7
17
7
10
O
Output
3IN–
—
—
—
9
13
I
Negative input
3IN+
—
—
—
10
14
I
Positive input
3OUT
—
—
—
8
12
O
Output
4IN–
—
—
—
13
19
I
Negative input
4IN+
—
—
—
12
18
I
Positive input
4OUT
—
—
—
14
20
O
Output
IN–
2
—
—
—
—
I
Negative input
Copyright © 1978–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TL061 TL061A TL061B TL062 TL062A TL062B TL064 TL064A TL064B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com