Electronic Components Datasheet Search
  English  ▼

X  

TL064CPWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL064CPWR
Description  Low-Power JFET-Input Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL064CPWR Datasheet(HTML) 4 Page - Texas Instruments

  TL064CPWR Datasheet HTML 1Page - Texas Instruments TL064CPWR Datasheet HTML 2Page - Texas Instruments TL064CPWR Datasheet HTML 3Page - Texas Instruments TL064CPWR Datasheet HTML 4Page - Texas Instruments TL064CPWR Datasheet HTML 5Page - Texas Instruments TL064CPWR Datasheet HTML 6Page - Texas Instruments TL064CPWR Datasheet HTML 7Page - Texas Instruments TL064CPWR Datasheet HTML 8Page - Texas Instruments TL064CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
TL061, TL061A, TL061B
TL062, TL062A, TL062B, TL064, TL064A, TL064B
SLOS078L – NOVEMBER 1978 – REVISED MAY 2015
www.ti.com
Pin Functions (continued)
PIN
TL061
TL062
TL064
TYPE
DESCRIPTION
NAME
D, JG, P,
D, J, N, NS,
D, P, PS
FK
FK
PS, PW
PW, W
IN+
3
—
—
—
—
I
Positive input
1
1
3
4
5
6
8
7
9
NC
8
—
—
—
Do not connect
11
11
13
14
15
16
18
17
19
OFFSET N1
1
—
—
—
—
—
Input offset adjustment
OFFSET N2
5
—
—
—
—
—
Input offset adjustment
OUT
6
—
—
—
—
O
Output
VCC–
4
4
10
11
16
—
Power supply
VCC+
7
8
20
4
6
—
Power supply
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC+
18
Supply voltage(2)
V
VCC–
–18
VID
Differential input voltage(3)
±30
V
VI
Input voltage(2)(4)
±15
V
Duration of output short circuit(5)
Unlimited
TJ
Operating virtual junction temperature
150
°C
Case temperature for 60 seconds
FK package
260
°C
Lead temperature 1.6 mm (1/16 inch) from
J, JG, U, or W package
300
°C
case for 60 seconds
Lead temperature 1.6 mm (1/16 inch) from
D, N, NS, P, PS, or PW package
260
°C
case for 10 seconds
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC−.
(3)
Differential voltages are at IN+, with respect to IN
−.
(4)
The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less.
(5)
The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the
dissipation rating is not exceeded.
4
Submit Documentation Feedback
Copyright © 1978–2015, Texas Instruments Incorporated
Product Folder Links: TL061 TL061A TL061B TL062 TL062A TL062B TL064 TL064A TL064B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com