Electronic Components Datasheet Search
  English  ▼

X  

TL064CPWRG4 Datasheet(PDF) 19 Page - Texas Instruments

Part # TL064CPWRG4
Description  Low-Power JFET-Input Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL064CPWRG4 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TL064CPWRG4 Datasheet HTML 15Page - Texas Instruments TL064CPWRG4 Datasheet HTML 16Page - Texas Instruments TL064CPWRG4 Datasheet HTML 17Page - Texas Instruments TL064CPWRG4 Datasheet HTML 18Page - Texas Instruments TL064CPWRG4 Datasheet HTML 19Page - Texas Instruments TL064CPWRG4 Datasheet HTML 20Page - Texas Instruments TL064CPWRG4 Datasheet HTML 21Page - Texas Instruments TL064CPWRG4 Datasheet HTML 22Page - Texas Instruments TL064CPWRG4 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
TL062
220 kΩ
−
+
0.00375 µF
TL062
−
+
10 pF
68 kΩ
0.003 µF
0.03 µF
0.03 µF
10 kΩ
3.3 kΩ
0.003 µF
VCC−
VCC+
Output
Input
VCC−
VCC+
10 pF
MIN
MAX
100 kΩ
Treble
MIN
MAX
100 kΩ
Bass
10 kΩ
10 kΩ
0.01 µF
27 kΩ
100 Ω
Balance
100 Ω
50 pF
+
75 µF
47 µF
5 kΩ
Gain
47 kΩ
1 µF
TA = 25°C
VCC± = ±15 V
Max
Treble
Max Bass
200
10 k
4 k
2 k
1 k
400
40
100
20
15
10
5
0
−5
−10
−15
−20
−25
20 k
25
f − Frequency − Hz
20
IC PREAMPLIFIER RESPONSE CHARACTERISTICS
Min
Treble
Min Bass
+
TL061, TL061A, TL061B
TL062, TL062A, TL062B, TL064, TL064A, TL064B
www.ti.com
SLOS078L – NOVEMBER 1978 – REVISED MAY 2015
System Examples (continued)
Figure 29. IC Preamplifier
10 Power Supply Recommendations
CAUTION
Supply voltages larger than 36 V for a single supply, or outside the range of ±18 V for
a dual supply can permanently damage the device (see the Absolute Maximum
Ratings).
Place 0.1-
μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high
impedance power supplies. For more detailed information on bypass capacitor placement, refer to the Layout.
Copyright © 1978–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TL061 TL061A TL061B TL062 TL062A TL062B TL064 TL064A TL064B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com