Electronic Components Datasheet Search
  English  ▼

X  

TL064CPWRG4 Datasheet(PDF) 13 Page - Texas Instruments

Part # TL064CPWRG4
Description  Low-Power JFET-Input Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL064CPWRG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL064CPWRG4 Datasheet HTML 9Page - Texas Instruments TL064CPWRG4 Datasheet HTML 10Page - Texas Instruments TL064CPWRG4 Datasheet HTML 11Page - Texas Instruments TL064CPWRG4 Datasheet HTML 12Page - Texas Instruments TL064CPWRG4 Datasheet HTML 13Page - Texas Instruments TL064CPWRG4 Datasheet HTML 14Page - Texas Instruments TL064CPWRG4 Datasheet HTML 15Page - Texas Instruments TL064CPWRG4 Datasheet HTML 16Page - Texas Instruments TL064CPWRG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
N2
N1
100 k
Ω
1.5 k
Ω
VCC−
TL061
IN−
OUT
IN+
VI
10 k
Ω
1 k
Ω
RL
CL = 100 pF
OUT
VI
RL = 2 kΩ
CL = 100 pF
OUT
TL061, TL061A, TL061B
TL062, TL062A, TL062B, TL064, TL064A, TL064B
www.ti.com
SLOS078L – NOVEMBER 1978 – REVISED MAY 2015
7 Parameter Measurement Information
Figure 16. Unity-Gain Amplifier
Figure 17. Gain-of-10 Inverting Amplifier
Figure 18. Input Offset-Voltage Null Circuit
Copyright © 1978–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TL061 TL061A TL061B TL062 TL062A TL062B TL064 TL064A TL064B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com