Electronic Components Datasheet Search
  English  ▼

X  

TL064CPWRG4 Datasheet(PDF) 14 Page - Texas Instruments

Part # TL064CPWRG4
Description  Low-Power JFET-Input Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL064CPWRG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL064CPWRG4 Datasheet HTML 10Page - Texas Instruments TL064CPWRG4 Datasheet HTML 11Page - Texas Instruments TL064CPWRG4 Datasheet HTML 12Page - Texas Instruments TL064CPWRG4 Datasheet HTML 13Page - Texas Instruments TL064CPWRG4 Datasheet HTML 14Page - Texas Instruments TL064CPWRG4 Datasheet HTML 15Page - Texas Instruments TL064CPWRG4 Datasheet HTML 16Page - Texas Instruments TL064CPWRG4 Datasheet HTML 17Page - Texas Instruments TL064CPWRG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
IN+
50 Ω
100 Ω
C1
VCC+
OUT
VCC−
OFFSET N1
TL061 Only
OFFSET N2
IN−
C1 = 10 pF on TL061, TL062, and TL064
Component values shown are nominal.
TL061, TL061A, TL061B
TL062, TL062A, TL062B, TL064, TL064A, TL064B
SLOS078L – NOVEMBER 1978 – REVISED MAY 2015
www.ti.com
8 Detailed Description
8.1 Overview
The JFET-input operational amplifiers of the TL06x series are designed as low-power versions of the TL08x
series amplifiers. They feature high input impedance, wide bandwidth, high slew rate, and low input offset and
input bias currents. The TL06x series features the same terminal assignments as the TL07x and TL08x series.
Each of these JFET-input operational amplifiers incorporates well-matched, high-voltage JFET and bipolar
transistors in an integrated circuit.
The C-suffix devices are characterized for operation from 0°C to 70°C. The I-suffix devices are characterized for
operation from
−40°C to 85°C, and the M-suffix devices are characterized for operation over the full military
temperature range of
−55°C to 125°C.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Common-Mode Rejection Ratio
The common-mode rejection ratio (CMRR) of an amplifier is a measure of how well the device rejects unwanted
input signals common to both input leads. It is found by taking the ratio of the change in input offset voltage to
the change in the input voltage and converting to decibels. Ideally the CMRR is infinite, but in practice, amplifiers
are designed to have it as high as possible. The CMRR of this device is 86 dB.
8.3.2 Slew Rate
The slew rate is the rate at which an operational amplifier can change its output when there is a change on the
input. These devices have a 3.5-V/
μs slew rate.
14
Submit Documentation Feedback
Copyright © 1978–2015, Texas Instruments Incorporated
Product Folder Links: TL061 TL061A TL061B TL062 TL062A TL062B TL064 TL064A TL064B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com