Electronic Components Datasheet Search
  English  ▼

X  

TL064CPWRG4 Datasheet(PDF) 12 Page - Texas Instruments

Part # TL064CPWRG4
Description  Low-Power JFET-Input Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL064CPWRG4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL064CPWRG4 Datasheet HTML 8Page - Texas Instruments TL064CPWRG4 Datasheet HTML 9Page - Texas Instruments TL064CPWRG4 Datasheet HTML 10Page - Texas Instruments TL064CPWRG4 Datasheet HTML 11Page - Texas Instruments TL064CPWRG4 Datasheet HTML 12Page - Texas Instruments TL064CPWRG4 Datasheet HTML 13Page - Texas Instruments TL064CPWRG4 Datasheet HTML 14Page - Texas Instruments TL064CPWRG4 Datasheet HTML 15Page - Texas Instruments TL064CPWRG4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
0
f − Frequency − Hz
10
20
30
40
50
60
70
80
90
100
10
40
100
400 1 k
4 k 10 k
40 k 100 k
VCC± = ±15 V
RS = 20 Ω
TA = 25°C
−6
t − Time − µs
Input
Output
VCC± = ±15 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
0
2
4
6
8
10
−4
−2
0
2
4
6
−4
t − Elapsed Time − µs
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
4
8
12
16
20
24
28
VCC± = ±15 V
RL = 10 kΩ
TA = 25°C
10%
tr
Overshoot
TL061, TL061A, TL061B
TL062, TL062A, TL062B, TL064, TL064A, TL064B
SLOS078L – NOVEMBER 1978 – REVISED MAY 2015
www.ti.com
Figure 14. Output Voltage vs Elapsed Time
Figure 13. Voltage-Follower Large-Signal Pulse Response
vs Time
Figure 15. Equivalent Input Noise Voltage vs Frequency
12
Submit Documentation Feedback
Copyright © 1978–2015, Texas Instruments Incorporated
Product Folder Links: TL061 TL061A TL061B TL062 TL062A TL062B TL064 TL064A TL064B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com