Electronic Components Datasheet Search
  English  ▼

X  

TL064CPWRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TL064CPWRG4
Description  Low-Power JFET-Input Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL064CPWRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TL064CPWRG4 Datasheet HTML 1Page - Texas Instruments TL064CPWRG4 Datasheet HTML 2Page - Texas Instruments TL064CPWRG4 Datasheet HTML 3Page - Texas Instruments TL064CPWRG4 Datasheet HTML 4Page - Texas Instruments TL064CPWRG4 Datasheet HTML 5Page - Texas Instruments TL064CPWRG4 Datasheet HTML 6Page - Texas Instruments TL064CPWRG4 Datasheet HTML 7Page - Texas Instruments TL064CPWRG4 Datasheet HTML 8Page - Texas Instruments TL064CPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
+
−
IN+
IN−
OUT
OFFSET N1
Offset Null/Compensation
TL061 Only
OFFSET N2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TL061, TL061A, TL061B
TL062, TL062A, TL062B, TL064, TL064A, TL064B
SLOS078L – NOVEMBER 1978 – REVISED MAY 2015
TL06xx Low-Power JFET-Input Operational Amplifiers
1 Features
2 Applications
1
•
Very Low Power Consumption
•
Tablets
•
Typical Supply Current: 200
μA (Per Amplifier)
•
White goods
•
Wide Common-Mode and Differential Voltage
•
Personal electronics
Ranges
•
Computers
•
Low Input Bias and Offset Currents
3 Description
•
Common-Mode Input Voltage Range
The JFET-input operational amplifiers of the TL06x
Includes VCC+
series are designed as low-power versions of the
•
Output Short-Circuit Protection
TL08x series amplifiers. They feature high input
•
High Input Impedance: JFET-Input Stage
impedance, wide bandwidth, high slew rate, and low
•
Internal Frequency Compensation
input offset and input bias currents. The TL06x series
features the same terminal assignments as the TL07x
•
Latch-Up-Free Operation
and TL08x series.
•
High Slew Rate: 3.5 V/
μs Typical
•
On Products Compliant to MIL-PRF-38535,
Device Information(1)
All Parameters Are Tested Unless Otherwise
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Noted. On All Other Products, Production
TL06xxD
SOIC (14)
8.65 mm × 3.91 mm
Processing Does Not Necessarily Include Testing
TL06xxJ
CDIP (14)
19.56 mm × 6.92 mm
of All Parameters.
TL06xxN
PDIP (14)
19.30 mm × 6.35 mm
TL06xxNS
SO (14)
10.30 mm × 5.30 mm
TL06xxPW
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Schematic Symbol
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TL064CPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL064CPWRG4 TI-TL064CPWRG4 Datasheet
1Mb / 42P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064CPWRG4 TI-TL064CPWRG4 Datasheet
1Mb / 42P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL064CPWRG4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
TL062 ONSEMI-TL062 Datasheet
207Kb / 12P
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI-TL061_06 Datasheet
975Kb / 39P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADTL082 AD-ADTL082_07 Datasheet
298Kb / 12P
Low Cost JFET Input Operational Amplifiers
REV. B
logo
Texas Instruments
TL061 TI-TL061_09 Datasheet
1Mb / 42P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_10 Datasheet
1Mb / 42P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_V01 Datasheet
2Mb / 52P
TL06xx Low-Power JFET-Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com