Electronic Components Datasheet Search
  English  ▼

X  

LMP7702MM Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7702MM
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7702MM Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMP7702MM Datasheet HTML 17Page - Texas Instruments LMP7702MM Datasheet HTML 18Page - Texas Instruments LMP7702MM Datasheet HTML 19Page - Texas Instruments LMP7702MM Datasheet HTML 20Page - Texas Instruments LMP7702MM Datasheet HTML 21Page - Texas Instruments LMP7702MM Datasheet HTML 22Page - Texas Instruments LMP7702MM Datasheet HTML 23Page - Texas Instruments LMP7702MM Datasheet HTML 24Page - Texas Instruments LMP7702MM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
OUT
V
-
IN+
V
+
IN-
+
-
1
2
3
5
4
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9I – SEPTEMBER 2005 – REVISED NOVEMBER 2015
8 Detailed Description
8.1 Overview
The LMP770x are single, dual, and quad low offset voltage, rail-to-rail input and output precision amplifiers each
with a CMOS input stage and wide supply voltage range of 2.7V to 12V. The LMP770x have a very low input
bias current of only ±200 fA at room temperature.
The wide supply voltage range of 2.7V to 12V over the extensive temperature range of
−40°C to 125°C makes
the LMP770x excellent choices for low voltage precision applications with extensive temperature requirements.
The LMP770x have only ±37
μV of typical input referred offset voltage and this offset is specified to be less than
±500
μV for the single and ±520 μV for the dual and quad, over temperature. This minimal offset voltage allows
more accurate signal detection and amplification in precision applications.
The low input bias current of only ±200 fA along with the low input referred voltage noise of 9 nV/
√Hz gives the
LMP770x superiority for use in sensor applications. Lower levels of noise from the LMP770x mean of better
signal fidelity and a higher signal-to-noise ratio.
Texas Instruments is heavily committed to precision amplifiers and the market segment they serve. Technical
support and extensive characterization data is available for sensitive applications or applications with a
constrained error budget.
The LMP7701 is offered in the space saving 5-Pin SOT-23 and 8-Pin SOIC package. The LMP7702 comes in
the 8-Pin SOIC and 8-Pin VSSOP package. The LMP7704 is offered in the 14-Pin SOIC and 14-Pin TSSOP
package. These small packages are ideal solutions for area constrained PC boards and portable electronics.
8.2 Functional Block Diagram
Figure 40. Functional Block Diagram (LMP7701)
8.3 Feature Description
8.3.1 Capacitive Load
The LMP770x can each be connected as a non-inverting unity gain follower. This configuration is the most
sensitive to capacitive loading.
The combination of a capacitive load placed on the output of an amplifier along with the amplifier's output
impedance creates a phase lag which in turn reduces the phase margin of the amplifier. If the phase margin is
significantly reduced, the response will be either underdamped or it will oscillate.
To drive heavier capacitive loads, an isolation resistor, RISO, in Figure 41 should be used. By using this isolation
resistor, the capacitive load is isolated from the amplifier's output, and hence, the pole caused by CL is no longer
in the feedback loop. The larger the value of RISO, the more stable the output voltage will be. If values of RISO are
sufficiently large, the feedback loop will be stable, independent of the value of CL. However, larger values of RISO
result in reduced output swing and reduced output current drive.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com