Electronic Components Datasheet Search
  English  ▼

X  

LMP7702MM Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7702MM
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7702MM Datasheet(HTML) 1 Page - Texas Instruments

  LMP7702MM Datasheet HTML 1Page - Texas Instruments LMP7702MM Datasheet HTML 2Page - Texas Instruments LMP7702MM Datasheet HTML 3Page - Texas Instruments LMP7702MM Datasheet HTML 4Page - Texas Instruments LMP7702MM Datasheet HTML 5Page - Texas Instruments LMP7702MM Datasheet HTML 6Page - Texas Instruments LMP7702MM Datasheet HTML 7Page - Texas Instruments LMP7702MM Datasheet HTML 8Page - Texas Instruments LMP7702MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
+
RS
Z
LOAD
V1
V2
R
R
R
R
V
+
V
+
V
-
V
-
+
-
-
I = (V2 ± V1)
RS
A1
A2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMP7701, LMP7702, LMP7704
SNOSAI9I – SEPTEMBER 2005 – REVISED NOVEMBER 2015
LMP770x Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
1 Features
3 Description
The LMP770x are single, dual, and quad low-offset
1
•
Unless Otherwise Noted,
voltage,
rail-to-rail
input
and
output
precision
Typical Values at VS = 5 V
amplifiers, each with a CMOS input stage and a wide
•
Input Offset Voltage (LMP7701): ±200-µV
supply voltage range. The LMP770x are part of the
(Maximum)
LMP™ precision amplifier family and are ideal for
sensor
interface
and
other
instrumentation
•
Input Offset Voltage (LMP7702/LMP7704): ±220-
applications.
µV (Maximum)
•
Input Bias Current: ±200 fA
The specified low-offset voltage of less than ±200 µV,
along with the specified low input bias current of less
•
Input Bias Current: ±200 fA
than ±1 pA, make the LMP7701 ideal for precision
•
Input Voltage Noise: 9 nV/
√Hz
applications. The LMP770x are built using VIP50
•
CMRR: 130 dB
technology, which allows the combination of a CMOS
input stage and a 12-V common-mode and supply
•
Open-Loop Gain: 130 dB
voltage range. This makes the LMP770x ideal for
•
Temperature Range:
−40°C to 125°C
applications where conventional CMOS parts cannot
•
Unity-Gain Bandwidth: 2.5 MHz
operate under the desired voltage conditions.
•
Supply Current (LMP7701): 715 µA
Device Information(1)
•
Supply Current (LMP7702): 1.5 mA
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Supply Current (LMP7704): 2.9 mA
SOT-23 (5)
1.60 mm × 2.90 mm
•
Supply Voltage Range: 2.7 V to 12 V
LMP7701
SOIC (8)
3.91 mm × 4.90 mm
•
Rail-to-Rail Input and Output
VSSOP (8)
3.00 mm × 3.00 mm
LMP7702
SOIC (8)
3.91 mm × 4.90 mm
2 Applications
TSSOP (14)
4.40 mm × 5.00 mm
•
High Impedance Sensor Interface
LMP7704
SOIC (14)
3.91 mm × 8.65 mm
•
Battery-Powered Instrumentation
(1) For all available packages, see the orderable addendum at
•
High Gain Amplifiers
the end of the data sheet.
•
DAC Buffer
•
Instrumentation Amplifier
•
Active Filters
Typical Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMP7702MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7702MM NSC-LMP7702MM Datasheet
1Mb / 22P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
Texas Instruments
LMP7702MM TI-LMP7702MM Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7702MM TI-LMP7702MM Datasheet
1Mb / 35P
LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7702MMX NSC-LMP7702MMX Datasheet
1Mb / 22P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
Texas Instruments
LMP7702MMX TI-LMP7702MMX Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
More results

Similar Description - LMP7702MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7701 NSC-LMP7701 Datasheet
485Kb / 6P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
LMP7701 NSC-LMP7701_06 Datasheet
1Mb / 22P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7707 NSC-LMP7707 Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMV841_0710 NSC-LMV841_0710 Datasheet
1Mb / 20P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMV841 NSC-LMV841_09 Datasheet
1Mb / 22P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
Texas Instruments
82592 TI-82592 Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7702MA TI-LMP7702MA Datasheet
1Mb / 35P
LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7707 TI-LMP7707_15 Datasheet
1Mb / 40P
LMP7707/LMP7708/LMP7709 Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMV841 TI-LMV841_15 Datasheet
1Mb / 38P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMP7707 TI1-LMP7707 Datasheet
1Mb / 41P
Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com