Electronic Components Datasheet Search
  English  ▼

X  

LMP7702MM Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7702MM
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7702MM Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP7702MM Datasheet HTML 2Page - Texas Instruments LMP7702MM Datasheet HTML 3Page - Texas Instruments LMP7702MM Datasheet HTML 4Page - Texas Instruments LMP7702MM Datasheet HTML 5Page - Texas Instruments LMP7702MM Datasheet HTML 6Page - Texas Instruments LMP7702MM Datasheet HTML 7Page - Texas Instruments LMP7702MM Datasheet HTML 8Page - Texas Instruments LMP7702MM Datasheet HTML 9Page - Texas Instruments LMP7702MM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
LMP7701, LMP7702, LMP7704
SNOSAI9I – SEPTEMBER 2005 – REVISED NOVEMBER 2015
www.ti.com
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Temperature range (1)
−40
125
°C
Supply voltage (VS = V
+ – V−)
2.7
12
V
(1)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
7.4 Thermal Information
LMP7701,
LMP7701
LMP7702
LMP7704
LMP7702
DBV
D
DGK
D
PW
THERMAL METRIC(1)
UNIT
(SOT-23)
(SOIC)
(VSSOP)
(SOIC)
(TSSOP)
5 PINS
8 PINS
8 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance (2)
122.9
114.3
167.5
79.9
107.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
69.3
59.5
58.7
36.9
33.0
°C/W
RθJB
Junction-to-board thermal resistance
63.3
54.8
87.5
34.7
50.4
°C/W
ψJT
Junction-to-top characterization parameter
19.4
12.1
6.6
5.5
1.8
°C/W
Junction-to-board characterization
ψJB
62.8
54.2
86.1
34.4
49.7
°C/W
parameter
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
(2)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
7.5 Electrical Characteristics 3-V
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 3 V, V− = 0 V, V
CM = V
+/2, and R
L > 10 kΩ to V
+/2.(1)
PARAMETER
TEST CONDITIONS
MIN (2)
TYP (3) MAX (2)
UNIT
±37
±200
LMP7701
at the temperature
±500
extremes
VOS
Input Offset Voltage
μV
±56
±220
LMP7702/LMP7704
at the temperature
±520
extremes
±1
Input Offset Voltage Temperature
TCVOS
See (4)
μV/°C
at the temperature
Drift
±5
extremes
±0.2
±1
See (4) (5)
at the temperature
−40°C ≤ TA ≤ 85°C
±50
extremes
IB
Input Bias Current
pA
±0.2
±1
See (4) (5)
at the temperature
−40°C ≤ TA ≤ 125°C
±400
extremes
IOS
Input Offset Current
40
fA
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using the
Statistical Quality Control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(4)
This parameter is specified by design and/or characterization and is not tested in production.
(5)
Positive current corresponds to current flowing into the device.
6
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com