Electronic Components Datasheet Search
  English  ▼

X  

LMP7702MM Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7702MM
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7702MM Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP7702MM Datasheet HTML 9Page - Texas Instruments LMP7702MM Datasheet HTML 10Page - Texas Instruments LMP7702MM Datasheet HTML 11Page - Texas Instruments LMP7702MM Datasheet HTML 12Page - Texas Instruments LMP7702MM Datasheet HTML 13Page - Texas Instruments LMP7702MM Datasheet HTML 14Page - Texas Instruments LMP7702MM Datasheet HTML 15Page - Texas Instruments LMP7702MM Datasheet HTML 16Page - Texas Instruments LMP7702MM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9I – SEPTEMBER 2005 – REVISED NOVEMBER 2015
Electrical Characteristics ±5-V (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 5 V, V− = −5 V, V
CM = 0 V, and RL > 10 kΩ to 0 V.
(1)
PARAMETER
TEST CONDITIONS
MIN (2)
TYP (3) MAX (2)
UNIT
0.790
1.1
LMP7701
at the temperature
1.3
extremes
1.7
2.1
IS
Supply Current
LMP7702
mA
at the temperature
2.5
extremes
3.2
4.2
LMP7704
at the temperature
5
extremes
AV = +1, VO = 9 VPP
SR
Slew Rate (8)
1.1
V/
μs
10% to 90%
GBW
Gain Bandwidth
2.5
MHz
Total Harmonic Distortion +
THD+N
f = 1 kHz, AV = 1, RL = 10 kΩ
0.02%
Noise
Input Referred Voltage Noise
en
f = 1 kHz
9
nV/
√Hz
Density
Input Referred Current Noise
in
f = 100 kHz
1
fA/
√Hz
Density
(8)
The number specified is the slower of positive and negative slew rates.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com